Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF220 Datasheet (PDF) - Intersil Corporation

IRF220 Datasheet PDF - Intersil Corporation
Part # IRF220
Download  IRF220 Download
File Size   68.86 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs

IRF220 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF220 Datasheet PDF - Intersil Corporation

Part # IRF220
Download  IRF220 Click to download

File Size   68.86 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs

IRF220 Datasheet (HTML) - Intersil Corporation


IRF220 Product details

Description
These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 4.0A and 5.0A, 150V and 200V
• rDS(ON) = 0.8Ω and 1.2Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRF220

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF220 SAMSUNG-IRF220 Datasheet
209Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF220 FAIRCHILD-IRF220 Datasheet
165Kb / 5P
N-Channel Power MOSFETs, 7A, 150-200V
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
IRF220 ISC-IRF220 Datasheet
48Kb / 2P
High Speed Applications
logo
ARTSCHIP ELECTRONICS CO...
IRF220 ARTSCHIP-IRF220 Datasheet
154Kb / 5P
N-Channel Power Mosfets
More results


Similar Description - IRF220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF230 INTERSIL-IRF230 Datasheet
69Kb / 7P
8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
October 1997
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
-5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
January 1998
IRFAC40 INTERSIL-IRFAC40 Datasheet
67Kb / 7P
6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
January 1998
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
January 1998
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
January 1998
RFL4N12 INTERSIL-RFL4N12 Datasheet
31Kb / 4P
4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
September 1998
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
September 1998
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com