Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC40 Datasheet(PDF) 4 Page - Harris Corporation

Part # IRFBC40
Description  6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

IRFBC40 Datasheet(HTML) 4 Page - Harris Corporation

  IRFBC40 Datasheet HTML 1Page - Harris Corporation IRFBC40 Datasheet HTML 2Page - Harris Corporation IRFBC40 Datasheet HTML 3Page - Harris Corporation IRFBC40 Datasheet HTML 4Page - Harris Corporation IRFBC40 Datasheet HTML 5Page - Harris Corporation IRFBC40 Datasheet HTML 6Page - Harris Corporation IRFBC40 Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-4
IRFBC40, IRFBC42
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
Typical Performance Curves Unless Otherwise Specified (Continued)
1
0.1
10-2
10-2
10-5
10-4
10-3
0.1
1
10
t1, RECTANGULAR PULSE DURATION (s)
10-3
DUTY FACTOR: D = t1/t2
t2
PDM
t1
NOTES:
t2
PEAK TJ = PDM x ZθJC x RθJC + TC
0.02
0.01
0.5
0.1
0.2
0.05
0.02
SINGLE PULSE
10
1
110
102
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
103
102
10
µs
100
µs
1ms
10ms
IRFBC40
TJ = MAX RATED
SINGLE PULSE
TC = 25
oC
IRFBC40
IRFBC42
IRFBC42
OPERATION IN THIS REGION
IS LIMITED BY rDS(ON)
DC
VDS, DRAIN TO SOURCE VOLTAGE (V)
60
120
180
240
0
300
10
8
6
0
4
VGS = 5.0V
80
µs PULSE TEST
2
VGS = 4.5V
VGS = 4.0V
VGS = 5.5V
VGS = 10V
VGS = 6.0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
36
9
12
015
10
8
6
0
4
80
µs PULSE TEST
2
VGS = 5.0V
VGS = 4.5V
VGS = 4.0V
VGS = 5.5V
VGS = 6.0V
VGS =10V
VGS, GATE TO SOURCE VOLTAGE (V)
10
1
0.1
0
2468
10
80
µs PULSE TEST
VDS ≥ 100V
TJ = 150
oC
TJ = 25
oC
10-2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com