Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRFBC40
Description  N - CHANNEL 600V - 1.0ohm - 6.2 A - TO-220 PowerMESH] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRFBC40 Datasheet(HTML) 1 Page - STMicroelectronics

  IRFBC40 Datasheet HTML 1Page - STMicroelectronics IRFBC40 Datasheet HTML 2Page - STMicroelectronics IRFBC40 Datasheet HTML 3Page - STMicroelectronics IRFBC40 Datasheet HTML 4Page - STMicroelectronics IRFBC40 Datasheet HTML 5Page - STMicroelectronics IRFBC40 Datasheet HTML 6Page - STMicroelectronics IRFBC40 Datasheet HTML 7Page - STMicroelectronics IRFBC40 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFBC40
N - CHANNEL 600V - 1.0
Ω - 6.2 A - TO-220
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 1.0
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
This power MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY
™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
®
INTERNAL SCHEMATIC DIAGRAM
August 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Volt age (VGS =0)
600
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
600
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
o C2
A
ID
Drain Current (continuous) at Tc =100
oC3.9
A
IDM(
•)
Drain Current (pulsed)
25
A
Ptot
Tot al Dissipation at Tc =25
oC125
W
Derating F act or
1.0
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
3
V/ ns
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤ 6.2 A, di/dt ≤ 80 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
IRFBC40
600 V
< 1.2
Ω
6.2 A
1
2
3
TO-220
1/8


Similar Part No. - IRFBC40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFBC40 IRF-IRFBC40 Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Vishay Siliconix
IRFBC40 VISHAY-IRFBC40 Datasheet
590Kb / 8P
Power MOSFET
16-Jun-08
logo
Kersemi Electronic Co.,...
IRFBC40 KERSEMI-IRFBC40 Datasheet
2Mb / 7P
Power MOSFET
More results

Similar Description - IRFBC40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC30 STMICROELECTRONICS-IRFBC30 Datasheet
85Kb / 8P
N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
Jan-2000
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60H STMICROELECTRONICS-STGP12NB60H Datasheet
87Kb / 8P
N-CHANNEL 12A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60HD STMICROELECTRONICS-STGP12NB60HD Datasheet
409Kb / 9P
N-CHANNEL 12A - 600V TO-220 PowerMESH™ IGBT
Jul-2003
STGP20NB60H STMICROELECTRONICS-STGP20NB60H Datasheet
86Kb / 8P
N-CHANNEL 20A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
Jun-2000
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
Jun-1999
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP9NB60 STMICROELECTRONICS-STP9NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A TO-220/TO220FP PowerMESH MOSFET
Jan-2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com