Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRFBC30
Description  N - CHANNEL 600V - 1.8 ohm - 3.6A - TO-220 PowerMESH]II MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRFBC30 Datasheet(HTML) 1 Page - STMicroelectronics

  IRFBC30 Datasheet HTML 1Page - STMicroelectronics IRFBC30 Datasheet HTML 2Page - STMicroelectronics IRFBC30 Datasheet HTML 3Page - STMicroelectronics IRFBC30 Datasheet HTML 4Page - STMicroelectronics IRFBC30 Datasheet HTML 5Page - STMicroelectronics IRFBC30 Datasheet HTML 6Page - STMicroelectronics IRFBC30 Datasheet HTML 7Page - STMicroelectronics IRFBC30 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFBC30
N - CHANNEL 600V - 1.8
Ω - 3.6A - TO-220
PowerMESH
™ ΙΙ MOSFET
s
TYPICAL RDS(on) = 1.8
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™ ΙΙ is the evolution of the first
generation of MESH OVERLAY
™ . The layout
refinements
introduced
greatly
improve
the
Ron*area figure of merit while keeping the device
at the leading edge for what concerns switching
speed, gate charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
®
INTERNAL SCHEMATIC DIAGRAM
January 2000
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
600
V
VGS
G ate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC3.6
A
ID
Drain Current (continuous) at Tc =100
oC2.3
A
IDM (
•)
Drain Current (pulsed)
14
A
Ptot
T otal Dissipation at Tc =25
oC75
W
Derating Factor
0.6
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
3
V/ns
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤3.6 A, di/dt ≤ 60 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
IRFBC30
600 V
< 2.2
Ω
3.6 A
1
2
3
TO-220
1/8


Similar Part No. - IRFBC30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
logo
Vishay Siliconix
IRFBC30 VISHAY-IRFBC30 Datasheet
780Kb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFBC30 ISC-IRFBC30 Datasheet
328Kb / 2P
iscN-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRFBC30 ETC2-IRFBC30 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Vishay Siliconix
IRFBC30 VISHAY-IRFBC30 Datasheet
943Kb / 9P
Power MOSFET
16-Aug-2021
More results

Similar Description - IRFBC30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRFBC40 STMICROELECTRONICS-IRFBC40 Datasheet
92Kb / 8P
N - CHANNEL 600V - 1.0ohm - 6.2 A - TO-220 PowerMESH] MOSFET
Aug-1998
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60H STMICROELECTRONICS-STGP12NB60H Datasheet
87Kb / 8P
N-CHANNEL 12A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP12NB60HD STMICROELECTRONICS-STGP12NB60HD Datasheet
409Kb / 9P
N-CHANNEL 12A - 600V TO-220 PowerMESH™ IGBT
Jul-2003
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
Jun-2000
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
Jun-1999
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP9NB60 STMICROELECTRONICS-STP9NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A TO-220/TO220FP PowerMESH MOSFET
Jan-2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com