Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBG30 Datasheet (PDF) - International Rectifier

IRFBG30 Datasheet PDF - International Rectifier
Part # IRFBG30
Download  IRFBG30 Download
File Size   167.99 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)

IRFBG30 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBG30 Datasheet PDF - International Rectifier

Part # IRFBG30
Download  IRFBG30 Click to download

File Size   167.99 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)

IRFBG30 Datasheet (HTML) - International Rectifier


IRFBG30 Product details

Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)




Similar Part No. - IRFBG30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBG30 VISHAY-IRFBG30 Datasheet
1Mb / 8P
Power MOSFET
02-Jun-08
logo
Kersemi Electronic Co.,...
IRFBG30 KERSEMI-IRFBG30 Datasheet
3Mb / 7P
Power MOSFET
logo
Vishay Siliconix
IRFBG30 VISHAY-IRFBG30 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
logo
Inchange Semiconductor ...
IRFBG30 ISC-IRFBG30 Datasheet
265Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBG30 VISHAY-IRFBG30 Datasheet
585Kb / 9P
Power MOSFET
16-Aug-2021
More results


Similar Description - IRFBG30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBG20 IRF-IRFBG20 Datasheet
169Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
IRFI830G IRF-IRFI830G Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A)
IRFPG30 IRF-IRFPG30 Datasheet
168Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFR320 IRF-IRFR320 Datasheet
177Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com