Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPG40 Datasheet (PDF) - Intersil Corporation

IRFPG40 Datasheet PDF - Intersil Corporation
Part # IRFPG40
Download  IRFPG40 Download
File Size   46.76 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET

IRFPG40 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPG40 Datasheet PDF - Intersil Corporation

Part # IRFPG40
Download  IRFPG40 Click to download

File Size   46.76 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET

IRFPG40 Datasheet (HTML) - Intersil Corporation


IRFPG40 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 4.3A, 1000V
• rDS(ON) = 3.500Ω
• UIS SOA Rating Curve (Single Pulse)
• -55°C to 150°C Operating and Storage Temperature




Similar Part No. - IRFPG40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
logo
Vishay Siliconix
IRFPG40 VISHAY-IRFPG40 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
IRFPG40 VISHAY-IRFPG40 Datasheet
910Kb / 11P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
logo
Vishay Siliconix
IRFPG40PBF VISHAY-IRFPG40PBF Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
More results


Similar Description - IRFPG40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5NB100 STMICROELECTRONICS-STW5NB100 Datasheet
54Kb / 5P
N - CHANNEL 1000V - 4ohm - 4.3A - TO-247 PowerMESH MOSFET
Jun-1998
STY15NA100 STMICROELECTRONICS-STY15NA100 Datasheet
44Kb / 4P
N - CHANNEL 1000V - 0.65 ohm - 15A - Max247 MOSFET
Apr-1998
logo
Intersil Corporation
RFP2N20 INTERSIL-RFP2N20 Datasheet
40Kb / 5P
2A, 200V, 3.500 Ohm, N-Channel Power MOSFET
July 1999
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
RFP4N100 INTERSIL-RFP4N100 Datasheet
45Kb / 6P
4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
August 1999
logo
International Rectifier
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
logo
Unisonic Technologies
9N100 UTC-9N100 Datasheet
184Kb / 5P
9A, 1000V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
RFP4N100 NJSEMI-RFP4N100 Datasheet
101Kb / 2P
4.3A, 1000V, 3.500 Ohm, High Voltage, N-Channel Power MOSFETs
logo
DONGGUAN YOU FENG WEI E...
YFW2300A YFWDIODE-YFW2300A Datasheet
906Kb / 5P
4.3A, 20V N-CHANNEL MOSFET
YFW2302C YFWDIODE-YFW2302C Datasheet
1,017Kb / 6P
4.3A, 20V N-CHANNEL MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com