Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP2N20 Datasheet (PDF) - Intersil Corporation

RFP2N20 Datasheet PDF - Intersil Corporation
Part # RFP2N20
Download  RFP2N20 Download
File Size   40.94 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 200V, 3.500 Ohm, N-Channel Power MOSFET

RFP2N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP2N20 Datasheet PDF - Intersil Corporation

Part # RFP2N20
Download  RFP2N20 Click to download

File Size   40.94 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 200V, 3.500 Ohm, N-Channel Power MOSFET

RFP2N20 Datasheet (HTML) - Intersil Corporation


RFP2N20 Product details

These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly developmental type TA09289

Features
• 2A, 200V
• rDS(ON) = 3.500Ω




Similar Part No. - RFP2N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RFP2N20 ISC-RFP2N20 Datasheet
348Kb / 2P
isc N-Channel MOSFET Transistor
logo
Intersil Corporation
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
logo
New Jersey Semi-Conduct...
RFP2N20L NJSEMI-RFP2N20L Datasheet
92Kb / 2P
N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
RFP2N20L NJSEMI-RFP2N20L Datasheet
92Kb / 2P
N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
More results


Similar Description - RFP2N20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF250 INTERSIL-IRF250 Datasheet
57Kb / 7P
30A, 200V, 0.085 Ohm, N-Channel Power MOSFET
March 1999
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
June 1999
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
July 1999
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRFPG40 INTERSIL-IRFPG40 Datasheet
46Kb / 6P
4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
July 1999
RFP2N20L INTERSIL-RFP2N20L Datasheet
35Kb / 5P
2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
RFP2P08 INTERSIL-RFP2P08 Datasheet
39Kb / 5P
-2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
October 1998
logo
Fairchild Semiconductor
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com