Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF230 Datasheet (PDF) - Intersil Corporation

IRFF230 Datasheet PDF - Intersil Corporation
Part # IRFF230
Download  IRFF230 Download
File Size   327.09 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET

IRFF230 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF230 Datasheet PDF - Intersil Corporation

Part # IRFF230
Download  IRFF230 Click to download

File Size   327.09 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET

IRFF230 Datasheet (HTML) - Intersil Corporation


IRFF230 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 5.5A, 200V
• rDS(ON) = 0.400Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - IRFF230

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFF230 SEME-LAB-IRFF230 Datasheet
42Kb / 2P
N-CHANNEL ENHANCEMENT
logo
TT Electronics.
IRFF230 TTELEC-IRFF230 Datasheet
296Kb / 3P
N-CHANNEL POWER MOSFET
More results


Similar Description - IRFF230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ32 INTERSIL-BUZ32 Datasheet
47Kb / 6P
9.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRF630 INTERSIL-IRF630 Datasheet
62Kb / 7P
9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs
June 1999
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com