Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF450 Datasheet (PDF) - Intersil Corporation

IRF450 Datasheet PDF - Intersil Corporation
Part # IRF450
Download  IRF450 Download
File Size   56.49 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 13A, 500V, 0.400 Ohm, N-Channel Power MOSFET

IRF450 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF450 Datasheet PDF - Intersil Corporation

Part # IRF450
Download  IRF450 Click to download

File Size   56.49 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 13A, 500V, 0.400 Ohm, N-Channel Power MOSFET

IRF450 Datasheet (HTML) - Intersil Corporation


IRF450 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 13A, 500V
• rDS(ON) = 0.400Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - IRF450

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF450 SAMSUNG-IRF450 Datasheet
214Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
196Kb / 3P
N-CHANNEL POWER MOSFET
More results


Similar Description - IRF450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
FRK460D INTERSIL-FRK460D Datasheet
47Kb / 6P
17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
13N50 UTC-13N50_11 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
500V, 13A N-Channel MOSFET
logo
HY ELECTRONIC CORP.
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
500V / 13A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM13ND50CI TSC-TSM13ND50CI Datasheet
341Kb / 6P
N-Channel Power MOSFET 500V, 13A, 0.48廓
logo
Silan Microelectronics ...
SVF13N50F SILAN-SVF13N50F Datasheet
400Kb / 9P
13A, 500V N-CHANNEL MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com