Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF730 Datasheet (PDF) - Intersil Corporation

IRF730 Datasheet PDF - Intersil Corporation
Part # IRF730
Download  IRF730 Download
File Size   54.27 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET

IRF730 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF730 Datasheet PDF - Intersil Corporation

Part # IRF730
Download  IRF730 Click to download

File Size   54.27 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET

IRF730 Datasheet (HTML) - Intersil Corporation


IRF730 Product details

This is an N-Channel enhancement mode silicon gate power field effect transistor. It is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
   
Features
• 5.5A, 400V
• rDS(ON) = 1.000Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount
        Components to PC Boards”
   




Similar Part No. - IRF730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF730 PHILIPS-IRF730 Datasheet
59Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Fairchild Semiconductor
IRF730 FAIRCHILD-IRF730 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 5.5A, 350 V/400V
IRF730 FAIRCHILD-IRF730 Datasheet
898Kb / 10P
400V N-Channel MOSFET
logo
International Rectifier
IRF730 IRF-IRF730 Datasheet
102Kb / 8P
SMPS MOSFET
More results


Similar Description - IRF730

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Fairchild Semiconductor
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
N-Channel Power MOSFETs, 5.5A, 350V/400V
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRFF330 INTERSIL-IRFF330 Datasheet
326Kb / 7P
3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
New Jersey Semi-Conduct...
IRFF330 NJSEMI-IRFF330 Datasheet
1,005Kb / 3P
3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com