Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF330 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

IRFF330 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # IRFF330
Download  IRFF330 Download
File Size   1005.3 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET

IRFF330 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF330 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # IRFF330
Download  IRFF330 Click to download

File Size   1005.3 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET

IRFF330 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


IRFF330 Product details

3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 3.5A, 400V
• rDS(0N)= 1.000Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance




Similar Part No. - IRFF330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF330 INTERSIL-IRFF330 Datasheet
326Kb / 7P
3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
logo
Seme LAB
IRFF330 SEME-LAB-IRFF330 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
More results


Similar Description - IRFF330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
March 1999
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
March 1999
IRFF330 INTERSIL-IRFF330 Datasheet
326Kb / 7P
3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com