Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ76A Datasheet (PDF) - Intersil Corporation

BUZ76A Datasheet PDF - Intersil Corporation
Part # BUZ76A
Download  BUZ76A Download
File Size   42.88 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET

BUZ76A Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ76A Datasheet PDF - Intersil Corporation

Part # BUZ76A
Download  BUZ76A Click to download

File Size   42.88 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET

BUZ76A Datasheet (HTML) - Intersil Corporation


BUZ76A Product details

This is an N-Channel enhancement mode silicon gate power field effect transistor designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. This type can be operated directly from integrated circuits.

Formerly developmental type TA17404.



Features

• 2.6A, 400V

• rDS(ON) = 2.500Ω

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Majority Carrier Device

• Related Literature

   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”



 




Similar Part No. - BUZ76A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ76A SIEMENS-BUZ76A Datasheet
172Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ76A INFINEON-BUZ76A Datasheet
139Kb / 9P
SIPMOS Power Transistor
07/96
logo
Inchange Semiconductor ...
BUZ76A ISC-BUZ76A Datasheet
67Kb / 2P
SOA is Power Dissipation Limited
More results


Similar Description - BUZ76A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
October 1999
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD3N40 AOSMD-AOD3N40 Datasheet
395Kb / 6P
400V,2.6A N-Channel MOSFET
AOD3N40 AOSMD-AOD3N40_13 Datasheet
2Mb / 6P
400V,2.6A N-Channel MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com