Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF330 Datasheet (PDF) - Seme LAB

IRFF330 Datasheet PDF - Seme LAB
Part # IRFF330
Download  IRFF330 Download
File Size   16.62 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description N-Channel MOSFET in a Hermetically sealed TO39

IRFF330 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF330 Datasheet PDF - Seme LAB

Part # IRFF330
Download  IRFF330 Click to download

File Size   16.62 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description N-Channel MOSFET in a Hermetically sealed TO39

IRFF330 Datasheet (HTML) - Seme LAB


IRFF330 Product details

N-Channel MOSFET in a Hermetically sealed TO39 Metal Package.

N-Channel MOSFET.
    VDSS = 400V
    ID = 3A
    RDS(ON) = 1Ω




Similar Part No. - IRFF330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF330 INTERSIL-IRFF330 Datasheet
326Kb / 7P
3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
logo
New Jersey Semi-Conduct...
IRFF330 NJSEMI-IRFF330 Datasheet
1,005Kb / 3P
3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
More results


Similar Description - IRFF330

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6792 SEME-LAB-2N6792 Datasheet
15Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39 Metal Package
IRFF024 SEME-LAB-IRFF024 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF110 SEME-LAB-IRFF110 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF130 SEME-LAB-IRFF130 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF210 SEME-LAB-IRFF210 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF310 SEME-LAB-IRFF310 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
IRFF9130 SEME-LAB-IRFF9130 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9210 SEME-LAB-IRFF9210 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9220 SEME-LAB-IRFF9220 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
IRFF9230 SEME-LAB-IRFF9230 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com