Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF730 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRF730
Description  5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF730 Datasheet(HTML) 3 Page - Intersil Corporation

  IRF730 Datasheet HTML 1Page - Intersil Corporation IRF730 Datasheet HTML 2Page - Intersil Corporation IRF730 Datasheet HTML 3Page - Intersil Corporation IRF730 Datasheet HTML 4Page - Intersil Corporation IRF730 Datasheet HTML 5Page - Intersil Corporation IRF730 Datasheet HTML 6Page - Intersil Corporation IRF730 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-234
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET Symbol
Showing the Integral
Reverse P-N Junction
Rectifier
-
-
5.5
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
22
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 5.5A, VGS = 0V (Figure 13)
-
-
1.6
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 5.5A, dISD/dt = 100A/µs
140
300
660
ns
Reverse Recovery Charge
QRR
TJ = 25
oC, I
SD = 5.5A, dISD/dt = 100A/µs
0.93
2.1
4.3
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 17mH, R
G = 25Ω, peak IAS = 5.5A.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
G
D
S
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
TC, CASE TEMPERATURE (
oC)
150
25
75
125
6
4
2
10
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t1, RECTANGULAR PULSE DURATION (s)
PDM
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
0.1
0.02
0.2
0.5
0.01
0.05
IRF730



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com