Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF730 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRF730
Description  5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF730 Datasheet(HTML) 1 Page - Intersil Corporation

  IRF730 Datasheet HTML 1Page - Intersil Corporation IRF730 Datasheet HTML 2Page - Intersil Corporation IRF730 Datasheet HTML 3Page - Intersil Corporation IRF730 Datasheet HTML 4Page - Intersil Corporation IRF730 Datasheet HTML 5Page - Intersil Corporation IRF730 Datasheet HTML 6Page - Intersil Corporation IRF730 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-232
File Number
1580.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRF730
5.5A, 400V, 1.000 Ohm, N-Channel Power
MOSFET
This is an N-Channel enhancement mode silicon gate power
field effect transistor. It is an advanced power MOSFET
designed, tested, and guaranteed to withstand a specified
level of energy in the breakdown avalanche mode of
operation. All of these power MOSFETs are designed for
applications such as switching regulators, switching
convertors, motor drivers, relay drivers, and drivers for high
power bipolar switching transistors requiring high speed and
low gate drive power. These types can be operated directly
from integrated circuits.
Formerly developmental type TA17414.
Features
• 5.5A, 400V
•rDS(ON) = 1.000Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF730
TO-220AB
IRF730
NOTE: When ordering, use the entire part number.
G
D
S
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
Data Sheet
July 1999


Similar Part No. - IRF730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF730 PHILIPS-IRF730 Datasheet
59Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Fairchild Semiconductor
IRF730 FAIRCHILD-IRF730 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 5.5A, 350 V/400V
IRF730 FAIRCHILD-IRF730 Datasheet
898Kb / 10P
400V N-Channel MOSFET
logo
International Rectifier
IRF730 IRF-IRF730 Datasheet
102Kb / 8P
SMPS MOSFET
More results

Similar Description - IRF730

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Fairchild Semiconductor
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
N-Channel Power MOSFETs, 5.5A, 350V/400V
logo
Intersil Corporation
BUZ60 INTERSIL-BUZ60 Datasheet
41Kb / 5P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
October 1998
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRFF330 INTERSIL-IRFF330 Datasheet
326Kb / 7P
3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
N-Channel Power MOSFET 5.5A, 400V, 0.95廓
logo
New Jersey Semi-Conduct...
IRFF330 NJSEMI-IRFF330 Datasheet
1,005Kb / 3P
3.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com