Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF250 Datasheet (PDF) - Intersil Corporation

IRF250 Datasheet PDF - Intersil Corporation
Part # IRF250
Download  IRF250 Download
File Size   57.99 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 200V, 0.085 Ohm, N-Channel Power MOSFET

IRF250 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF250 Datasheet PDF - Intersil Corporation

Part # IRF250
Download  IRF250 Click to download

File Size   57.99 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 200V, 0.085 Ohm, N-Channel Power MOSFET

IRF250 Datasheet (HTML) - Intersil Corporation


IRF250 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is designed, tested and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. These MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. They can be operated directly from integrated circuits.

Formerly developmental type TA09295.



Features

• 30A, 200V

• rDS(ON) = 0.085Ω

• Single Pulse Avalanche Energy Rated

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Related Literature

   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”



 




Similar Part No. - IRF250

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF250 SAMSUNG-IRF250 Datasheet
215Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF250 SEME-LAB-IRF250 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
List of Unclassifed Man...
IRF250 ETC-IRF250 Datasheet
84Kb / 2P
50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
logo
IXYS Corporation
IRF250 IXYS-IRF250 Datasheet
49Kb / 1P
High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
logo
Nell Semiconductor Co.,...
IRF250 NELLSEMI-IRF250 Datasheet
435Kb / 7P
N-Channel Power MOSFET
More results


Similar Description - IRF250

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ32 INTERSIL-BUZ32 Datasheet
47Kb / 6P
9.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
March 1999
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
June 1999
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
July 1999
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRFF230 INTERSIL-IRFF230 Datasheet
327Kb / 7P
5.5A, 200V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
IRFP240 INTERSIL-IRFP240 Datasheet
56Kb / 7P
20A, 200V, 0.180 Ohm, N-Channel Power MOSFET
July 1999
logo
Fairchild Semiconductor
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
30N20 UTC-30N20 Datasheet
131Kb / 3P
30A, 200V N-CHANNEL POWER MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com