Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF250 Datasheet (PDF) - Nell Semiconductor Co., Ltd

IRF250 Datasheet PDF - Nell Semiconductor Co., Ltd
Part # IRF250
Download  IRF250 Download
File Size   435.69 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF250 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF250 Datasheet PDF - Nell Semiconductor Co., Ltd

Part # IRF250
Download  IRF250 Click to download

File Size   435.69 Kbytes
Page   7 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description N-Channel Power MOSFET

IRF250 Datasheet (HTML) - Nell Semiconductor Co., Ltd


IRF250 Product details

DESCRIPTION

The Nell IRF250 is a three-terminal silicon device with current conduction capability of 30A, fast switching speed, low on-state resistance, breakdown voltage rating of 200V, and max. threshold voltage of 4 volts.

They are designed for use in applications such as switched mode power supplies, DC to DC converters, motor control circuits, UPS and general purpose switching applications.



FEATURES

• RDS(ON) = 0.085Ω @ VGS = 10V

• Ultra low gate charge(140nC Max.)

• Low reverse transfer capacitance

   (CRSS = 250pF typical)

• Fast switching capability

• 100% avalanche energy specified

• Improved dv/dt capability

• 150°C operation temperature



 




Similar Part No. - IRF250

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF250 SAMSUNG-IRF250 Datasheet
215Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF250 SEME-LAB-IRF250 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF250 INTERSIL-IRF250 Datasheet
57Kb / 7P
30A, 200V, 0.085 Ohm, N-Channel Power MOSFET
March 1999
logo
List of Unclassifed Man...
IRF250 ETC-IRF250 Datasheet
84Kb / 2P
50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
logo
IXYS Corporation
IRF250 IXYS-IRF250 Datasheet
49Kb / 1P
High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
More results


Similar Description - IRF250

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com