Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30N20 Datasheet (PDF) - Unisonic Technologies

30N20 Datasheet PDF - Unisonic Technologies
Part # 30N20
Download  30N20 Download
File Size   131.87 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 30A, 200V N-CHANNEL POWER MOSFET

30N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
30N20 Datasheet PDF - Unisonic Technologies

Part # 30N20
Download  30N20 Click to download

File Size   131.87 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 30A, 200V N-CHANNEL POWER MOSFET

30N20 Datasheet (HTML) - Unisonic Technologies


30N20 Product details

DESCRIPTION
The UTC30N20 is an N-channel mode Power FET, it uses UTC’s advanced technology. This technology allows a minimum on-state resistance, superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode.

FEATURES
* RDS(ON)<75mΩ@ VGS=10V,ID=15A
* Low Gate Charge (Typical 60nC)
* High Switching Speed




Similar Part No. - 30N20

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
30N20 VBSEMI-30N20 Datasheet
1Mb / 7P
N-Channel 200 V (D-S) MOSFET
logo
ON Semiconductor
30N20G ONSEMI-30N20G Datasheet
354Kb / 8P
Power MOSFET 30 Amps, 200 Volts N-Channel EnhancementïMode TO-220
March, 2006 - Rev. 5
More results


Similar Description - 30N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6765 FAIRCHILD-2N6765 Datasheet
142Kb / 5P
N-Channel Power MOSFETs, 30A, 150V/200V
logo
Intersil Corporation
IRF250 INTERSIL-IRF250 Datasheet
57Kb / 7P
30A, 200V, 0.085 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
JANTX2N6766 IRF-JANTX2N6766 Datasheet
237Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.085ohm, Id=30A)
logo
Taiwan Semiconductor Co...
TSM19N20 TSC-TSM19N20 Datasheet
88Kb / 4P
200V N-Channel Power MOSFET
logo
Rohm
RCJ300N20 ROHM-RCJ300N20 Datasheet
730Kb / 14P
Nch 200V 30A Power MOSFET
RCX300N20 ROHM-RCX300N20 Datasheet
778Kb / 14P
Nch 200V 30A Power MOSFET
logo
Thinki Semiconductor Co...
IRFP250M THINKISEMI-IRFP250M Datasheet
2Mb / 8P
ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
IRFP250MPBF THINKISEMI-IRFP250MPBF Datasheet
4Mb / 8P
ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
IRFP250N THINKISEMI-IRFP250N Datasheet
2Mb / 8P
ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
IRFP250NPBF THINKISEMI-IRFP250NPBF Datasheet
2Mb / 8P
ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com