Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP2N20L Datasheet (PDF) - Intersil Corporation

RFP2N20L Datasheet PDF - Intersil Corporation
Part # RFP2N20L
Download  RFP2N20L Download
File Size   35.21 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET

RFP2N20L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP2N20L Datasheet PDF - Intersil Corporation

Part # RFP2N20L
Download  RFP2N20L Click to download

File Size   35.21 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET

RFP2N20L Datasheet (HTML) - Intersil Corporation


RFP2N20L Product details

The RFP2N20L N-Channel enhancement mode silicon gate power field effect transistor is specifically designed for use with logic level (5V) driving sources in applications such as programmable controllers, automotive switching, and solenoid drivers. This performance is accomplished through a special gate oxide design which provides full rated conduction at gate biases in the 3V - 5V range, thereby facilitating true on-off power control directly from logic circuit supply voltages.
Formerly developmental type TA09532.

Features
• 2A, 200V
• rDS(ON) = 3.500Ω
• Design Optimized for 5V Gate Drives
• Can be Driven Directly from QMOS, NMOS, TTL Circuits
• Compatible with Automotive Drive Requirements
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP2N20L

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFP2N20L NJSEMI-RFP2N20L Datasheet
92Kb / 2P
N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
RFP2N20L NJSEMI-RFP2N20L Datasheet
92Kb / 2P
N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
More results


Similar Description - RFP2N20L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFPG40 INTERSIL-IRFPG40 Datasheet
46Kb / 6P
4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
July 1999
RFL2N06L INTERSIL-RFL2N06L Datasheet
306Kb / 5P
2A, 60V, 0.950 Ohm, Logic Level, N-Channel Power MOSFET
October 1999
RFP2N12L INTERSIL-RFP2N12L Datasheet
35Kb / 5P
2A, 120V, 1.750 Ohm, Logic Level, N-Channel Power MOSFET
April 1999
RFP2N20 INTERSIL-RFP2N20 Datasheet
40Kb / 5P
2A, 200V, 3.500 Ohm, N-Channel Power MOSFET
July 1999
RFP8N20L INTERSIL-RFP8N20L Datasheet
38Kb / 5P
8A, 200V, 0.600 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
RFW2N06RLE INTERSIL-RFW2N06RLE Datasheet
41Kb / 5P
2A, 60V, 0.160 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
logo
Fairchild Semiconductor
FQD12N20LTM FAIRCHILD-FQD12N20LTM Datasheet
721Kb / 9P
200V Logic Level N-Channel MOSFET
logo
New Jersey Semi-Conduct...
RFP8N20L NJSEMI-RFP8N20L Datasheet
97Kb / 2P
8A, 200V, 0.600 Ohm, Logic Level, N-Channel Power MOSFET
logo
Kersemi Electronic Co.,...
KSMD12N20L KERSEMI-KSMD12N20L Datasheet
1Mb / 8P
200V Logic Level N-Channel MOSFET
KSMD12N20LTM_F085 KERSEMI-KSMD12N20LTM_F085 Datasheet
1Mb / 8P
200V Logic Level N-Channel MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com