Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STY15NA100 Datasheet (PDF) - STMicroelectronics

STY15NA100 Datasheet PDF - STMicroelectronics
Part # STY15NA100
Download  STY15NA100 Download
File Size   44.69 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 1000V - 0.65 ohm - 15A - Max247 MOSFET

STY15NA100 Datasheet (PDF)

Go To PDF Page Download Datasheet
STY15NA100 Datasheet PDF - STMicroelectronics

Part # STY15NA100
Download  STY15NA100 Click to download

File Size   44.69 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 1000V - 0.65 ohm - 15A - Max247 MOSFET

STY15NA100 Datasheet (HTML) - STMicroelectronics


STY15NA100 Product details

DESCRIPTION
The Max247TM package is a new high volume power package exibiting the same footprint as the industry standard TO-247, but designed to accomodate much larger silicon chips, normally supplied in bigger packages such as TO-264. The increased die capacity makes the device ideal to reduce component count in multiple paralleled designs and save board space with respect to larger packages.

■ TYPICAL RDS(on) = 0.65 Ω
■ EFFICIENT AND RELIABLE MOUNTING THROUGH CLIP
■ ± 30V GATE TO SOURCE VOLTAGE RATING
■ REPETITIVE AVALANCHE TESTED
■ LOW INTRINSIC CAPACITANCE
■ 100% AVALANCHE TESTED
■ GATE CHARGE MINIMIZED
■ REDUCED THRESHOLD VOLTAGE SPREAD

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITCH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES (UPS)




Similar Part No. - STY15NA100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STY15NA100 ISC-STY15NA100 Datasheet
364Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STY15NA100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY140NS10 STMICROELECTRONICS-STY140NS10 Datasheet
254Kb / 8P
N-CHANNEL 100V - 0.009 ohm - 140A MAX247??MESH OVERLAY??POWER MOSFET
Aug-2001
logo
Intersil Corporation
IRFPG40 INTERSIL-IRFPG40 Datasheet
46Kb / 6P
4.3A, 1000V, 3.500 Ohm, N-Channel Power MOSFET
July 1999
logo
MagnaChip Semiconductor...
MDF11N65B MGCHIP-MDF11N65B Datasheet
787Kb / 6P
N-Channel MOSFET 650V, 12A, 0.65(ohm)
MDF12N50 MGCHIP-MDF12N50 Datasheet
779Kb / 8P
N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
MDFS11N65B MGCHIP-MDFS11N65B Datasheet
895Kb / 6P
N-Channel MOSFET 650V, 12A, 0.65(ohm)
MDP12N50 MGCHIP-MDP12N50 Datasheet
772Kb / 6P
N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
MDP15N60G MGCHIP-MDP15N60G Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 15A, 0.40(ohm)
MDP15N60G MGCHIP-MDP15N60G_11 Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 15A, 0.40(ohm)
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
800V 0.65(ohm) N-channel MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com