Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF11N65B Datasheet (PDF) - MagnaChip Semiconductor.

MDF11N65B Datasheet PDF - MagnaChip Semiconductor.
Part # MDF11N65B
Download  MDF11N65B Download
File Size   787.51 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 650V, 12A, 0.65(ohm)

MDF11N65B Datasheet (PDF)

Go To PDF Page Download Datasheet
MDF11N65B Datasheet PDF - MagnaChip Semiconductor.

Part # MDF11N65B
Download  MDF11N65B Click to download

File Size   787.51 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 650V, 12A, 0.65(ohm)

MDF11N65B Datasheet (HTML) - MagnaChip Semiconductor.


MDF11N65B Product details

General Description
These N-channel MOSFET are produced using advanced MagnaChip’s MOSFET Technology, which provides low on state resistance, high switching performance and excellent quality.
These devices are suitable device for SMPS, high Speed switching and general purpose applications.

Features
□ VDS = 650V
□ ID = 12A @ VGS = 10V
□ RDS(ON) ≤ 0.65Ω @ VGS = 10V

Applications
□ Power Supply
□ PFC
□ High Current, High Speed Switching




Similar Part No. - MDF11N65B

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDF11N65B VBSEMI-MDF11N65B Datasheet
1Mb / 9P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
MDF11N65BTH ISC-MDF11N65BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MDF11N65B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N65 UTC-12N65 Datasheet
374Kb / 7P
12A, 650V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
N-Channel Power MOSFET (650V,12A)
logo
Alpha & Omega Semicondu...
AOT12N65 AOSMD-AOT12N65 Datasheet
160Kb / 6P
650V, 12A N-Channel MOSFET
AOW12N65 AOSMD-AOW12N65 Datasheet
246Kb / 6P
650V, 12A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDFS11N65B MGCHIP-MDFS11N65B Datasheet
895Kb / 6P
N-Channel MOSFET 650V, 12A, 0.65(ohm)
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
800V 0.65(ohm) N-channel MOSFET
logo
Alpha & Omega Semicondu...
AOB12N65L AOSMD-AOB12N65L Datasheet
385Kb / 6P
650V, 12A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF12N65F SILAN-SVF12N65F Datasheet
403Kb / 10P
12A, 650V N-CHANNEL MOSFET
logo
AiT Semiconductor Inc.
AM12N65 AITSEMI-AM12N65 Datasheet
940Kb / 10P
MOSFET 650V, 12A N-CHANNEL
REV1.0 - JUN 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com