Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDFS11N65B Datasheet (PDF) - MagnaChip Semiconductor.

MDFS11N65B Datasheet PDF - MagnaChip Semiconductor.
Part # MDFS11N65B
Download  MDFS11N65B Download
File Size   895.6 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 650V, 12A, 0.65(ohm)

MDFS11N65B Datasheet (PDF)

Go To PDF Page Download Datasheet
MDFS11N65B Datasheet PDF - MagnaChip Semiconductor.

Part # MDFS11N65B
Download  MDFS11N65B Click to download

File Size   895.6 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 650V, 12A, 0.65(ohm)

MDFS11N65B Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDFS11N65B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDFS11N65BTH ISC-MDFS11N65BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MDFS11N65B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N65 UTC-12N65 Datasheet
374Kb / 7P
12A, 650V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
N-Channel Power MOSFET (650V,12A)
logo
Alpha & Omega Semicondu...
AOT12N65 AOSMD-AOT12N65 Datasheet
160Kb / 6P
650V, 12A N-Channel MOSFET
AOW12N65 AOSMD-AOW12N65 Datasheet
246Kb / 6P
650V, 12A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDF11N65B MGCHIP-MDF11N65B Datasheet
787Kb / 6P
N-Channel MOSFET 650V, 12A, 0.65(ohm)
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
800V 0.65(ohm) N-channel MOSFET
logo
Alpha & Omega Semicondu...
AOB12N65L AOSMD-AOB12N65L Datasheet
385Kb / 6P
650V, 12A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF12N65F SILAN-SVF12N65F Datasheet
403Kb / 10P
12A, 650V N-CHANNEL MOSFET
logo
AiT Semiconductor Inc.
AM12N65 AITSEMI-AM12N65 Datasheet
940Kb / 10P
MOSFET 650V, 12A N-CHANNEL
REV1.0 - JUN 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com