Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V8AV6 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ESDA6V8AV6 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # ESDA6V8AV6
Download  ESDA6V8AV6 Download
File Size   465.26 Kbytes
Page   4 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Low Junction Capacitance Transient Voltage Suppressors for ESD Protection

ESDA6V8AV6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA6V8AV6 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # ESDA6V8AV6
Download  ESDA6V8AV6 Click to download

File Size   465.26 Kbytes
Page   4 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Low Junction Capacitance Transient Voltage Suppressors for ESD Protection

ESDA6V8AV6 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


ESDA6V8AV6 Product details

Description:
The ESDA6V8AV6 array is 5-Line ESD transient voltage suppressor which provides a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). These devices clamp the voltage just above the logic level supply for positive transient, and to a diode drop below ground for negative transients.

Specification Features:
● Working Peak Reverse Voltage: 5 V
● Low Leakage current: <1uA@3V
● High ESD protection Level: >20kV per HBM
● IEC61000- 4- 2 Level 4 ESD Protection
● IEC61000- 4- 4 Level 4 EFT Protection
● Five separate unidirectional configurations

Mechanical Characteristics
● Void Free, Transfer-Molded, Thermosetting Plastic Case
● Corrosion Resistant Finish, Easily Solderable
● Small Packaging

Applications
● Cell Phone Handsets and Accessories
● Personal Digital Assistants (PDAs)
● Notebooks, Desktops, and Servers
● Portable Instrumentation
● Digital Cameras
● Peripherals
● MP3 Players




Similar Part No. - ESDA6V8AV6

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
ESDA6V8AV6 WILLSEMI-ESDA6V8AV6 Datasheet
137Kb / 4P
Low Junction Capacitance Transient Voltage Suppressors for ESD Protection
ESDA6V8AV6-6/TR WILLSEMI-ESDA6V8AV6-6/TR Datasheet
137Kb / 4P
Low Junction Capacitance Transient Voltage Suppressors for ESD Protection
More results


Similar Description - ESDA6V8AV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDR0524PMUTAG ONSEMI-ESDR0524PMUTAG Datasheet
105Kb / 3P
Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
July, 2010 ??Rev. 1
NUP2114UCMR6 ONSEMI-NUP2114UCMR6 Datasheet
177Kb / 5P
Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
January, 2010 ??Rev. 4
logo
Will Semiconductor Ltd.
ESDA6V8AV6 WILLSEMI-ESDA6V8AV6 Datasheet
137Kb / 4P
Low Junction Capacitance Transient Voltage Suppressors for ESD Protection
logo
First Silicon Co., Ltd
FTV05LUT FS-FTV05LUT Datasheet
604Kb / 4P
Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTV3.3LUT FS-FTV3.3LUT Datasheet
605Kb / 4P
Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTVL3.3UUL2 FS-FTVL3.3UUL2 Datasheet
491Kb / 4P
Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
logo
Rectron Semiconductor
TEP05D6M RECTRON-TEP05D6M Datasheet
249Kb / 5P
Low Capacitance Transient Voltage Suppressors for ESD protection
2022-01/01 REV:O
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com