Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEP05D6M Datasheet (PDF) - Rectron Semiconductor

TEP05D6M Datasheet PDF - Rectron Semiconductor
Part # TEP05D6M
Download  TEP05D6M Download
File Size   249.72 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description Low Capacitance Transient Voltage Suppressors for ESD protection

TEP05D6M Datasheet (PDF)

Go To PDF Page Download Datasheet
TEP05D6M Datasheet PDF - Rectron Semiconductor

Part # TEP05D6M
Download  TEP05D6M Click to download

File Size   249.72 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description Low Capacitance Transient Voltage Suppressors for ESD protection

TEP05D6M Datasheet (HTML) - Rectron Semiconductor


TEP05D6M Product details

DESCRIPTION
TEP05D6M is a low-capacitance Transient
Voltage Suppressor (TVS) designed to provide
electrostatic discharge (ESD) protection for data,
control or power lines. With maximum capacitance
of 18pF, TEP05D6M is designed to protect
parasitic-sensitive systems against over-voltage
and over-current transient events. It complies with
IEC 61000-4-2 (ESD), Level 4 (±15kV air, ±8kV
contact discharge), IEC 61000-4-4 (electrical fast
transient - EFT) (40A, 5/50 ns), very fast charged
device model (CDM) ESD and cable discharge
event (CDE) etc.
TEP05D6M uses ultra-small DFN0603
package. Each TEP05D6M device can protect
one data line. It offers system designers flexibility to
protect single data line where space is a premium
concern.

FEATURES
 Transient protection for high-speed data lines
IEC 61000-4-2 (ESD) ±30kV (Contact)
±30kV (Air)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
 Peak power dissipation: 72W (8/20μs)
 Working voltages :5V
 Ultra-small package (0.6mm0.3mm0.3mm)
 Protects one I/O line
 Low clamping voltage
 Low leakage current




Similar Part No. - TEP05D6M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP05 RECTRON-TEP05 Datasheet
192Kb / 5P
Unidirectional TVS Diodes
TEP0501 RECTRON-TEP0501 Datasheet
775Kb / 6P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0501CL RECTRON-TEP0501CL Datasheet
180Kb / 4P
TVS/ESD Protection Diode
TEP0501CM RECTRON-TEP0501CM Datasheet
102Kb / 4P
Low Capacitance Bidirectional TVS/ESD Protection Diode
TEP0501D RECTRON-TEP0501D Datasheet
573Kb / 4P
Ultra Low Capacitance ESD Protection Diode
More results


Similar Description - TEP05D6M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDR0524PMUTAG ONSEMI-ESDR0524PMUTAG Datasheet
105Kb / 3P
Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
July, 2010 ??Rev. 1
NUP2114UCMR6 ONSEMI-NUP2114UCMR6 Datasheet
177Kb / 5P
Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
January, 2010 ??Rev. 4
logo
Will Semiconductor Ltd.
ESDA6V8AV6 WILLSEMI-ESDA6V8AV6 Datasheet
137Kb / 4P
Low Junction Capacitance Transient Voltage Suppressors for ESD Protection
logo
DONGGUAN YOU FENG WEI E...
ESDA6V8AV6 YFWDIODE-ESDA6V8AV6 Datasheet
465Kb / 4P
Low Junction Capacitance Transient Voltage Suppressors for ESD Protection
logo
First Silicon Co., Ltd
FTV05LUT FS-FTV05LUT Datasheet
604Kb / 4P
Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTV3.3LUT FS-FTV3.3LUT Datasheet
605Kb / 4P
Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
FTVL3.3UUL2 FS-FTVL3.3UUL2 Datasheet
491Kb / 4P
Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com