Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB1F Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

FMB1F Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # FMB1F
Download  FMB1F Download
File Size   494.43 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A

FMB1F Datasheet (PDF)

Go To PDF Page Download Datasheet
FMB1F Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # FMB1F
Download  FMB1F Click to download

File Size   494.43 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A

FMB1F Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


FMB1F Product details

Reverse Voltage - 100 to 1000 V
Forward Current - 1A

FEATURES
♦ High current capability
♦ Low forward voltage drop
♦ Glass Passivated Chip Junction
♦ Low power loss, high efficiency
♦ Lead free in comply with EU RoHS 2011/65/EU directives




Similar Part No. - FMB1F

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
FMB1F-PJ PJSEMI-FMB1F-PJ Datasheet
1Mb / 3P
SURFACE MOUNT GLASS PASSIVATED BRI
More results


Similar Description - FMB1F

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1A GOOD-ARK-F1A_15 Datasheet
226Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGA1J GOOD-ARK-SGA1J_15 Datasheet
236Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 600V Forward Current 1A
GN1P20 GOOD-ARK-GN1P20_15 Datasheet
159Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 2000V Forward Current 1A
L1A GOOD-ARK-L1A_15 Datasheet
189Kb / 4P
Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 1A
logo
DONGGUAN YOU FENG WEI E...
FABS1 YFWDIODE-FABS1 Datasheet
463Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??1.0A
FABS201 YFWDIODE-FABS201 Datasheet
465Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMB1S YFWDIODE-FMB1S Datasheet
497Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
FMSB20B YFWDIODE-FMSB20B Datasheet
462Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMSB30B YFWDIODE-FMSB30B Datasheet
461Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??3.0A
FMSB40B YFWDIODE-FMSB40B Datasheet
460Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??4.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com