Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB1F Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # FMB1F
Description  1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

FMB1F Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  FMB1F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FMB1F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FMB1F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FMB1F THRU FMB10F MBF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
RECTIFIER Reverse Voltage - 100 to 1000 V
Forward Current - 1A
FEATURES
High current capability
Low forward voltage drop
Glass Passivated Chip Junction
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: MBF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 75mg / 0.0026oz
 
 
 
 
 
 
MBF
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
FMB1F
FMB2F
FMB4F
FMB6F
FMB8F
FMB10F Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current at Tc = 125 °C
Io
1
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load(JEDEC
method)
IFSM
35
A
Forward Voltage per element at 1.0A
VF
1.3
V
@
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
TA=125°C
IR
50
μA
Typical Junction Capacitance(Note1)
Cj
15
pF
Maximum Reverse Recovery Time (Note2)
Trr
Trr(typ)
500
300
nS
Typical Thermal Resistance (Note3)
RθJA
RθJC
80
30
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(
1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(
2)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.


Similar Part No. - FMB1F

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
FMB1F-PJ PJSEMI-FMB1F-PJ Datasheet
1Mb / 3P
SURFACE MOUNT GLASS PASSIVATED BRI
More results

Similar Description - FMB1F

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F1A GOOD-ARK-F1A_15 Datasheet
226Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 1A
SGA1J GOOD-ARK-SGA1J_15 Datasheet
236Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 600V Forward Current 1A
GN1P20 GOOD-ARK-GN1P20_15 Datasheet
159Kb / 4P
Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 2000V Forward Current 1A
L1A GOOD-ARK-L1A_15 Datasheet
189Kb / 4P
Surface Mount Glass Passivated Rectifier Reverse Voltage 50~1000V Forward Current 1A
logo
DONGGUAN YOU FENG WEI E...
FABS1 YFWDIODE-FABS1 Datasheet
463Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??1.0A
FABS201 YFWDIODE-FABS201 Datasheet
465Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMB1S YFWDIODE-FMB1S Datasheet
497Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
FMSB20B YFWDIODE-FMSB20B Datasheet
462Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMSB30B YFWDIODE-FMSB30B Datasheet
461Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??3.0A
FMSB40B YFWDIODE-FMSB40B Datasheet
460Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??4.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com