Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GKB24-IP Datasheet (PDF) - BELIMO AIRCONTROLS (USA), INC

GKB24-IP Datasheet PDF - BELIMO AIRCONTROLS (USA), INC
Part # GKB24-IP
Download  GKB24-IP Download
File Size   531.73 Kbytes
Page   4 Pages
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC
Description Torque motor 360 in-lb [40 Nm] Nominal voltage AC/DC 24 V

GKB24-IP Datasheet (PDF)

Go To PDF Page Download Datasheet
GKB24-IP Datasheet PDF - BELIMO AIRCONTROLS (USA), INC

Part # GKB24-IP
Download  GKB24-IP Click to download

File Size   531.73 Kbytes
Page   4 Pages
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC
Description Torque motor 360 in-lb [40 Nm] Nominal voltage AC/DC 24 V

GKB24-IP Datasheet (HTML) - BELIMO AIRCONTROLS (USA), INC




Similar Part No. - GKB24-IP

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
GKB24-3 BELIMO-GKB24-3 Datasheet
765Kb / 3P
On/Off, Floating Point, Electronic Fail-Safe, 24 V
GKB24-MFT BELIMO-GKB24-MFT Datasheet
1Mb / 4P
Modulating, Electronic Fail-Safe, 24 V, Multi-Function Technology
GKB24-SR BELIMO-GKB24-SR Datasheet
803Kb / 3P
Modulating, Electronic Fail-Safe, 24 V, for DC 2...10 V or 4...20 mA Control Signal
More results


Similar Description - GKB24-IP

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LMB24-IP BELIMO-LMB24-IP Datasheet
783Kb / 5P
Cloud capable and communicating damper Torque motor 45 in-lb [5 Nm]
AKB24-IP BELIMO-AKB24-IP Datasheet
531Kb / 4P
Nominal voltage AC/DC 24 V Control modulating, Cloud, communicative,
AKRB24-IP BELIMO-AKRB24-IP Datasheet
171Kb / 1P
Nominal voltage AC/DC 24 V
CMB24-L-100D BELIMO-CMB24-L-100D Datasheet
557Kb / 5P
Pipe diameter 4??[DN 100] Torque motor 18 in-lb [2 Nm]
logo
WAGO Kontakttechnik Gmb...
288-504 WAGO-288-504 Datasheet
372Kb / 6P
Relay module; Nominal input voltage: 24 V AC/DC;
857-369 WAGO-857-369 Datasheet
662Kb / 12P
Relay module; Nominal input voltage: 24 ??230 V AC/DC;
857-359 WAGO-857-359 Datasheet
657Kb / 11P
Relay module; Nominal input voltage: 24 ??230 V AC/DC;
2042-3809 WAGO-2042-3809 Datasheet
370Kb / 6P
Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
2042-3819 WAGO-2042-3819 Datasheet
377Kb / 7P
Relay module; Nominal input voltage: 24 ??230 V AC/DC
22.11.2021
857-364 WAGO-857-364 Datasheet
597Kb / 12P
Relay module; Nominal input voltage: 24 V AC/DC
22.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com