Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB24-IP Datasheet (PDF) - BELIMO AIRCONTROLS (USA), INC

LMB24-IP Datasheet PDF - BELIMO AIRCONTROLS (USA), INC
Part # LMB24-IP
Download  LMB24-IP Download
File Size   783.54 Kbytes
Page   5 Pages
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC
Description Cloud capable and communicating damper Torque motor 45 in-lb [5 Nm]

LMB24-IP Datasheet (PDF)

Go To PDF Page Download Datasheet
LMB24-IP Datasheet PDF - BELIMO AIRCONTROLS (USA), INC

Part # LMB24-IP
Download  LMB24-IP Click to download

File Size   783.54 Kbytes
Page   5 Pages
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC
Description Cloud capable and communicating damper Torque motor 45 in-lb [5 Nm]

LMB24-IP Datasheet (HTML) - BELIMO AIRCONTROLS (USA), INC




Similar Part No. - LMB24-IP

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LMB24-10P-HM BELIMO-LMB24-10P-HM Datasheet
382Kb / 2P
24 VAC, 짹20%, 50/60 Hz, 24 VDC, 짹10% 18 GA plenum cable with 1/2?
LMB24-3 BELIMO-LMB24-3 Datasheet
827Kb / 3P
On/Off, Floating Point, Non-Spring Return, 24 V
LMB24-3-P10-T BELIMO-LMB24-3-P10-T Datasheet
841Kb / 3P
On/Off, Floating Point, Non-Spring Return, 24 V
LMB24-3-P5-T BELIMO-LMB24-3-P5-T Datasheet
828Kb / 3P
On/Off, Floating Point, Non-Spring Return, 24 V
LMB24-3-S BELIMO-LMB24-3-S Datasheet
796Kb / 3P
On/Off, Floating Point, Non-Spring Return, 24 V
More results


Similar Description - LMB24-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-603 ETC2-HT23-603 Datasheet
166Kb / 3P
NEMA 23 High Torque Step Motor, 354 oz-in
logo
PHOENIX CONTACT
TSD-02-SAC PHOENIX-TSD-02-SAC Datasheet
52Kb / 3P
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
logo
BELIMO AIRCONTROLS (USA...
LRB24-IP BELIMO-LRB24-IP Datasheet
520Kb / 4P
Cloud capable and communicative rotary actuator for ball valves
NM24A-MOD BELIMO-NM24A-MOD Datasheet
651Kb / 7P
Air damper size up to approx. 2 m짼 Torque motor 10 Nm
GKB24-IP BELIMO-GKB24-IP Datasheet
531Kb / 4P
Torque motor 360 in-lb [40 Nm] Nominal voltage AC/DC 24 V
CMB24-L-100D BELIMO-CMB24-L-100D Datasheet
557Kb / 5P
Pipe diameter 4??[DN 100] Torque motor 18 in-lb [2 Nm]
CMB24-L-125D BELIMO-CMB24-L-125D Datasheet
545Kb / 5P
Pipe diameter 5??[DN 125] Torque motor 18 in-lb
CMB24-L-150D BELIMO-CMB24-L-150D Datasheet
543Kb / 5P
Pipe diameter 6??Torque motor 18 in-lb
SM24A-MOD BELIMO-SM24A-MOD Datasheet
677Kb / 7P
Air damper size up to approx. 4 m짼 Torque motor 20 Nm
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com