Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMB24-IP Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # LMB24-IP
Description  Cloud capable and communicating damper Torque motor 45 in-lb [5 Nm]
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

LMB24-IP Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  LMB24-IP Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC LMB24-IP Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC LMB24-IP Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC LMB24-IP Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC LMB24-IP Datasheet HTML 5Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data sheet
LMB24-IP
www.belimo.us
LMB24-IP • en-us • 2020-09-01 • Subject to change
2 / 5
EMC
CE according to 2014/30/EU
Agency Listing
cULus acc. to UL60730-1A/-2-14, CAN/CSA
E60730-1:02, CE acc. to 2014/30/EU and 2014/35/EU
Quality Standard
ISO 9001
Mode of operation
Type 1
Rated impulse voltage supply / control
0.8 kV
Ambient temperature
-22...122°F [-30...50°C]
Storage temperature
-40...176°F [-40...80°C]
Ambient humidity
max. 95% r.H., non-condensing
Servicing
maintenance-free
Weight Weight
1.5 lb [0.68 kg]
Materials Housing material
UL94-5VA
Product features
For proportional modulation of dampers in HVAC systems. Actuator sizing should be done in accordance
with the damper manufacturer’s specifications.
The actuator is controlled via the Belimo Cloud, BACnet/IP or Modbus TCP and drives to the position
defined by the control variable. Multiple data points can be written and read via the control interface.
Local control mode: the actuator receives an analog control signal from a conventional controller and
drives to the control position. In addition, using the Belimo Cloud, BACnet/IP or Modbus TCP, various data
points can be read and with the exception of the control signal written to the actuator. This Belimo Cloud
connected damper actuator has two universal sensor inputs ready for your innovative HVAC applications.
The two universal sensor inputs (passive, active, or contact) serve as an analogue/digital converter for the
digital transmission of the sensor value to a higher level system. Selecting the sensor type is accomplished
via connection to the integrated web server (RJ45 connection to the web browser) or directly via the
Belimo Cloud. The actuators performance and sensor data is recorded locally with 13 months of storage.
This data can be used for analytical purposes, downloaded via csv files, or used in your HVAC application.
The actuator is not provided with and does not require any limit switches, but is electronically protected
against overload. The anti-rotation strap supplied with the actuator will prevent lateral movement.
The LMB(X) series provides 95° of rotation and a visual indicator indicates position of the actuator. When
reaching the damper or actuator end position, the actuator automatically stops. The gears can be
manually disengaged with a button on the actuator cover.
The LMB(X) actuators use a brushless DC motor, which is controlled by an Application Specific Integrated
Circuit (ASIC). The ASIC monitors and controls the actuator’s rotation and provides a digital rotation
sensing (DRS) function to prevent damage to the actuator in a stall condition. Power consumption is
reduced in holding mode.
Add-on auxiliary switches or feedback potentiometers are easily fastened directly onto the actuator body
for signaling and switching functions.
Connection option for two sensors (passive sensor, active sensor or switching contact). The actuator
serves as an analogue/digital converter for the transmission of the sensor signal to the higher level
system.
The configuration can be carried out through the integrated web server (RJ45 connection to the web
browser), by communicative means or via the Cloud.
Additional information regarding the integrated web server can be found in the separate documentation.
This can be inverted in cases of control with an analogue positioning signal. The inversion causes the
reversal of the standard behaviour, i.e. for control signal 0%, the actuator is opened to max and for
control signal 100%, the actuator is closed.
For proportional modulation of dampers in HVAC systems. Actuator sizing should be done in accordance
with the damper manufacturer’s specifications.
The actuator is controlled via the Belimo Cloud, BACnet/IP or Modbus TCP and drives to the position
defined by the control variable. Multiple data points can be written and read via the control interface.
Application
Mode of operation
Converter for sensors
Communication
Positioning signal inversion
Application



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com