Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS394 Datasheet (PDF) - Pericom Semiconductor Corporation

PS394 Datasheet PDF - Pericom Semiconductor Corporation
Part # PS394
Download  PS394 Download
File Size   332.77 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Quad, SPDT, 17V Analog Switch

PS394 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS394 Datasheet PDF - Pericom Semiconductor Corporation

Part # PS394
Download  PS394 Click to download

File Size   332.77 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Quad, SPDT, 17V Analog Switch

PS394 Datasheet (HTML) - Pericom Semiconductor Corporation


PS394 Product details

Description
The PS394 is a precision, low-voltage, quad, single-pole/doublethrow (SPDT) analog switch. The four independent switches operate with bipolar supplies ranging from –2.7V to –8V, or with a single supply of +2.7V to +15V. The PS394 offers low On-resistance (less than 35 Ohm), guaranteed to match within 2 Ohm between channels and to remain flat over the analog signal range (4 Ohm Max.). It also offers break-before-make switching (10ns typical), with turn-off times less than 75ns and turn-on times less than 130ns. The PS394 is ideal for portable operation since quiescent current runs less than 1µA with all inputs high or low.

Features
• Low On-Resistance (17 Ohm typ.) Minimizes Distortion and Error Voltages
• Low Glitching Reduces Step Errors and Improves Settling Times. Charge Injection: <10pC
• Dual-Supply Operation (–2.7V to –8V)
• Single-Supply Operation (+2.7V to +15V)
• Improved Second Sources for MAX394
• On-Resistance Matching Between Channels: <2 Ohm
• On-Resistance Flatness: 4 Ohm (Max.)
• Low Off-Channel Leakage, INO(OFF) < 2.5nA @ +85°C
• TTL/CMOS Logic Compatible (w/ +5V or –5V supplies)
• Break-Before-Make action eliminates momentary crosstalk
• Rail-to-Rail Analog Signal Range
• Narrow SOIC and QSOP Packages Minimize Board Area

Applications
• Data Acquisition Systems
• Audio Switching and Routing
• Test Equipment
• PBX, PABX
• Telecommunication Systems
• Battery-Powered Systems




Similar Part No. - PS394

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
More results


Similar Description - PS394

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
Precision Quad SPDT Analog Switch
06-Sep-99
logo
Pericom Semiconductor C...
PS381 PERICOM-PS381 Datasheet
528Kb / 9P
Precision, 17V Analog Switches
logo
Maxim Integrated Produc...
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Vishay Siliconix
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
Precision Quad SPDT Analog Switch
31-Jan-11
logo
Pericom Semiconductor C...
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
Precision Quad SPDT Analog Switch
05-Sep-11
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
Quad, SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
Precision Quad SPDT Analog Switch
21-Sep-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com