Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT16823DT Datasheet (PDF) - Pericom Semiconductor Corporation

PI74FCT16823DT Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74FCT16823DT
Download  PI74FCT16823DT Download
File Size   80.18 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 18-Bit Registers

PI74FCT16823DT Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74FCT16823DT Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74FCT16823DT
Download  PI74FCT16823DT Click to download

File Size   80.18 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS 18-Bit Registers

PI74FCT16823DT Datasheet (HTML) - Pericom Semiconductor Corporation


PI74FCT16823DT Product details

Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are produced in the Company’s advanced 0.6 micron CMOS technology, achieving industry leading speed grades.

Product Features:
Common Features:
• PI74FCT16823T and PI74FCT162823T are high-speed, low power devices with high current drive.
• VCC= 5V ±10%
• Hysteresis on all inputs
• Packages available:
    – 56-pin 240 mil wide plastic TSSOP (A)
    – 56-pin 300 mil wide palstic SSOP (V)

PI74FCT16823T Features:
• High output drive: IOH = –32 mA; IOL = 64 mA
• Power off disable outputs permit “live insertion”
• Typical VOLP (Output Ground Bounce) < 1.0V at VCC = 5V, TA = 25°C

PI74FCT162823T Features:
• Balanced output drivers: ±24 mA
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25°C

PI74FCT162H823T Features:
• Bus Hold retains last active bus state during 3-state
• Eliminates the need for external pull-up resistors




Similar Part No. - PI74FCT16823DT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
Fast CMOS 20-Bit Buffers
PI74FCT16827AT PERICOM-PI74FCT16827AT Datasheet
65Kb / 7P
Fast CMOS 20-Bit Buffers
PI74FCT16827BT PERICOM-PI74FCT16827BT Datasheet
65Kb / 7P
Fast CMOS 20-Bit Buffers
PI74FCT16827CT PERICOM-PI74FCT16827CT Datasheet
65Kb / 7P
Fast CMOS 20-Bit Buffers
PI74FCT16827DT PERICOM-PI74FCT16827DT Datasheet
65Kb / 7P
Fast CMOS 20-Bit Buffers
More results


Similar Description - PI74FCT16823DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16823T TI-CY74FCT16823T Datasheet
69Kb / 8P
18-Bit Registers
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT16823AT IDT-IDT74FCT16823AT Datasheet
157Kb / 9P
FAST CMOS 18-BIT REGISTER
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
Fast CMOS 16-Bit Registers (3-State)
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
18-Bit Registers
logo
Renesas Technology Corp
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162823AT RENESAS-IDT74FCT162823AT Datasheet
243Kb / 8P
FAST CMOS 18-BIT REGISTER
SEPTEMBER 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com