Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5C612N Datasheet (PDF) - ON Semiconductor

NVMFS5C612N Datasheet PDF - ON Semiconductor
Part # NVMFS5C612N
Download  NVMFS5C612N Download
File Size   151.34 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 60 V, 1.65 m, 225 A, Single N?묬hannel

NVMFS5C612N Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS5C612N Datasheet PDF - ON Semiconductor

Part # NVMFS5C612N
Download  NVMFS5C612N Click to download

File Size   151.34 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 60 V, 1.65 m, 225 A, Single N?묬hannel

NVMFS5C612N Datasheet (HTML) - ON Semiconductor




Similar Part No. - NVMFS5C612N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
83Kb / 6P
Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
123Kb / 6P
Power MOSFET
February, 2017 ??Rev. 6
NVMFS5C612NLAFT1G ONSEMI-NVMFS5C612NLAFT1G Datasheet
123Kb / 6P
Power MOSFET
February, 2017 ??Rev. 6
NVMFS5C612NLT1G ONSEMI-NVMFS5C612NLT1G Datasheet
83Kb / 6P
Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NVMFS5C612NLT1G ONSEMI-NVMFS5C612NLT1G Datasheet
123Kb / 6P
Power MOSFET
February, 2017 ??Rev. 6
More results


Similar Description - NVMFS5C612N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
NVD5865NLT4G ONSEMI-NVD5865NLT4G Datasheet
115Kb / 6P
Power MOSFET 60 V, 46 A, 16 m, Single N?묬hannel
January, 2013 ??Rev. 2
NVMFS5826NLT1G ONSEMI-NVMFS5826NLT1G Datasheet
116Kb / 6P
Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NTMTS001N06CL ONSEMI-NTMTS001N06CL Datasheet
364Kb / 7P
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTD5C668NL ONSEMI-NTD5C668NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 8.9 m, 48 A, Single N?묬hannel
May, 2018 ??Rev. 1
NTD5C688NL ONSEMI-NTD5C688NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 27.4 m, 17 A, Single N?묬hannel
May, 2018 ??Rev. 2
NTMJS2D5N06CL ONSEMI-NTMJS2D5N06CL Datasheet
352Kb / 7P
Power MOSFET 60 V, 2.4 m, 164 A, Single N?묬hannel
March, 2019?뭃ev. 0
NTMTS001N06C ONSEMI-NTMTS001N06C Datasheet
311Kb / 8P
Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0
NTMYS3D3N06CL ONSEMI-NTMYS3D3N06CL Datasheet
322Kb / 7P
Power MOSFET 60 V, 3.0 m, 133 A, Single N?묬hannel
March, 2019-Rev. 0
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com