Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMJS2D5N06CL Datasheet (PDF) - ON Semiconductor

NTMJS2D5N06CL Datasheet PDF - ON Semiconductor
Part # NTMJS2D5N06CL
Download  NTMJS2D5N06CL Download
File Size   352.82 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 60 V, 2.4 m, 164 A, Single N?묬hannel

NTMJS2D5N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMJS2D5N06CL Datasheet PDF - ON Semiconductor

Part # NTMJS2D5N06CL
Download  NTMJS2D5N06CL Click to download

File Size   352.82 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 60 V, 2.4 m, 164 A, Single N?묬hannel

NTMJS2D5N06CL Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMJS2D5N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMJS0D7N03CG ONSEMI-NTMJS0D7N03CG Datasheet
323Kb / 7P
MOSFET - Power, Single N-Channel, LFPAK8 30 V, 0.65 m, 410 A
February2021-Rev. 0
NTMJS0D7N03CGTWG ONSEMI-NTMJS0D7N03CGTWG Datasheet
323Kb / 7P
MOSFET - Power, Single N-Channel, LFPAK8 30 V, 0.65 m, 410 A
February2021-Rev. 0
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D8N04CLTWG ONSEMI-NTMJS0D8N04CLTWG Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
More results


Similar Description - NTMJS2D5N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5865NLT4G ONSEMI-NVD5865NLT4G Datasheet
115Kb / 6P
Power MOSFET 60 V, 46 A, 16 m, Single N?묬hannel
January, 2013 ??Rev. 2
NVMFS5826NLT1G ONSEMI-NVMFS5826NLT1G Datasheet
116Kb / 6P
Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NVMFS5C612N ONSEMI-NVMFS5C612N Datasheet
151Kb / 6P
Power MOSFET 60 V, 1.65 m, 225 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTMTS001N06CL ONSEMI-NTMTS001N06CL Datasheet
364Kb / 7P
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTD5C668NL ONSEMI-NTD5C668NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 8.9 m, 48 A, Single N?묬hannel
May, 2018 ??Rev. 1
NTD5C688NL ONSEMI-NTD5C688NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 27.4 m, 17 A, Single N?묬hannel
May, 2018 ??Rev. 2
NTMTS001N06C ONSEMI-NTMTS001N06C Datasheet
311Kb / 8P
Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0
NTMYS3D3N06CL ONSEMI-NTMYS3D3N06CL Datasheet
322Kb / 7P
Power MOSFET 60 V, 3.0 m, 133 A, Single N?묬hannel
March, 2019-Rev. 0
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NVMJS2D5N06CL ONSEMI-NVMJS2D5N06CL Datasheet
370Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 2.4 m, 164 A
June, 2021 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com