Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00770 Datasheet (PDF) - Vicor Corporation

00770 Datasheet PDF - Vicor Corporation
Part # 00770
Download  00770 Download
File Size   58.85 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description AC-PAPER-CAPACITOR 1500pF. 350 VAC, (Y)

00770 Datasheet (PDF)

Go To PDF Page Download Datasheet
00770 Datasheet PDF - Vicor Corporation

Part # 00770
Download  00770 Click to download

File Size   58.85 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description AC-PAPER-CAPACITOR 1500pF. 350 VAC, (Y)

00770 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 00770

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
00772.63.17 GENERAL-00772.63.17 Datasheet
80Kb / 1P
3-Conductor Grounded . Type SPT-3 . 15 and 20 Amps . 60?C . 300 Volts
logo
Christian Bürkert GmbH ...
00772361 BURKERT-00772361 Datasheet
614Kb / 42P
Bürkert System Bus
19.02.2024
00772362 BURKERT-00772362 Datasheet
614Kb / 42P
Bürkert System Bus
19.02.2024
00772402 BURKERT-00772402 Datasheet
614Kb / 42P
Bürkert System Bus
19.02.2024
00772403 BURKERT-00772403 Datasheet
614Kb / 42P
Bürkert System Bus
19.02.2024
More results


Similar Description - 00770

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
01000 VICOR-01000 Datasheet
50Kb / 1P
CAPACITOR - (Y) 4700 pF -20%, 250 VAC
25283 VICOR-25283 Datasheet
64Kb / 1P
SMT CAPACITOR - (Y) 4700 pF -20%, 250 VAC
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
Murata Manufacturing Co...
GRM033R71E152K MURATA-GRM033R71E152K Datasheet
54Kb / 1P
Chip Monolithic Ceramic Capacitor 0201 X7R 1500pF 25V
logo
Suntan Capacitors
TS22 SUNTAN-TS22 Datasheet
260Kb / 1P
SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Kemet Corporation
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
Metallized Impregnated Paper, 125 VAC/250 VDC
logo
Cornell Dubilier Electr...
SCR CDE-SCR Datasheet
269Kb / 4P
Type SCRN Film-Paper/Extended Foil Commutating Capacitor
logo
Suntan Capacitors
TS22 SUNTAN-TS22_17 Datasheet
127Kb / 1P
SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Adels-Contact
743060G4 ADELS-743060G4 Datasheet
122Kb / 1P
AC 180 SKG-Y D24
logo
TRACO Electronic AG
TXL350 TRACOPOWER-TXL350 Datasheet
369Kb / 4P
AC/DC Enclosed Power Supply TXL 350 Series, 350 Watt
Rev. June 29, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com