Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01000 Datasheet (PDF) - Vicor Corporation

01000 Datasheet PDF - Vicor Corporation
Part # 01000
Download  01000 Download
File Size   50.48 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR - (Y) 4700 pF -20%, 250 VAC

01000 Datasheet (PDF)

Go To PDF Page Download Datasheet
01000 Datasheet PDF - Vicor Corporation

Part # 01000
Download  01000 Click to download

File Size   50.48 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR - (Y) 4700 pF -20%, 250 VAC

01000 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 01000

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
01000 PRESTO-01000 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
List of Unclassifed Man...
010000 ETC2-010000 Datasheet
53Kb / 1P
Packaged part Bulk part
logo
Littelfuse
01000020 LITTELFUSE-01000020 Datasheet
549Kb / 1P
Pb 100/445/030/520 Series, P.C. Board Type for 5mm Diameter Fuses
01000020Z LITTELFUSE-01000020Z Datasheet
334Kb / 2P
100/445/030/520 Series Circuit Board Mount Fuse Clips for 5mm Diameter Fuses
Revised: GD. 04/13/22
01000020Z LITTELFUSE-01000020Z Datasheet
335Kb / 2P
Circuit Board Mount Fuse Clips for 5mm Diameter Fuses
04/13/22
More results


Similar Description - 01000

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
03285 VICOR-03285 Datasheet
80Kb / 1P
CAPACITOR, CERAMIC DISC 4700pF, -20%, 250 VAC
25283 VICOR-25283 Datasheet
64Kb / 1P
SMT CAPACITOR - (Y) 4700 pF -20%, 250 VAC
logo
Kemet Corporation
PME271YA4470MR30 KEMET-PME271YA4470MR30 Datasheet
54Kb / 1P
Capacitor, film, 4700 pF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=10.2 mm
C751U472MYVDAAWL50 KEMET-C751U472MYVDAAWL50 Datasheet
257Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5V, Lead Spacing = 10mm
2/03/2023
C751U472MYVDBAWL50 KEMET-C751U472MYVDBAWL50 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5V, Lead Spacing = 10mm
2/03/2023
C757U472MYVDBA7317 KEMET-C757U472MYVDBA7317 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5V, Lead Spacing = 7.5mm
2/03/2023
C771U472MYWDAAWL50 KEMET-C771U472MYWDAAWL50 Datasheet
257Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5U, Lead Spacing = 10mm
2/03/2023
C771U472MYWDBAWL50 KEMET-C771U472MYWDBAWL50 Datasheet
265Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5U, Lead Spacing = 10mm
2/03/2023
C771U472MYWDCAWL35 KEMET-C771U472MYWDCAWL35 Datasheet
264Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5U, Lead Spacing = 10mm
2/03/2023
C777U472MYWDCA7317 KEMET-C777U472MYWDCA7317 Datasheet
263Kb / 1P
C700KJY SFTY X1-400 Y2-250, Ceramic, 4700 pF, 20%, 400 VAC (X1), 250 VAC (Y2), Y5U, Lead Spacing = 7.5mm
2/03/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com