Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03285 Datasheet (PDF) - Vicor Corporation

03285 Datasheet PDF - Vicor Corporation
Part # 03285
Download  03285 Download
File Size   80.41 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, CERAMIC DISC 4700pF, -20%, 250 VAC

03285 Datasheet (PDF)

Go To PDF Page Download Datasheet
03285 Datasheet PDF - Vicor Corporation

Part # 03285
Download  03285 Click to download

File Size   80.41 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, CERAMIC DISC 4700pF, -20%, 250 VAC

03285 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 03285

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0328500000 WEIDMULLER-0328500000 Datasheet
102Kb / 1P
Fuse terminals
0328500000 WEIDMULLER-0328500000 Datasheet
1Mb / 52P
SAK-series
More results


Similar Description - 03285

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
01000 VICOR-01000 Datasheet
50Kb / 1P
CAPACITOR - (Y) 4700 pF -20%, 250 VAC
25283 VICOR-25283 Datasheet
64Kb / 1P
SMT CAPACITOR - (Y) 4700 pF -20%, 250 VAC
logo
Murata Manufacturing Co...
GCM2165C1H472J MURATA-GCM2165C1H472J Datasheet
33Kb / 1P
Chip Monolithic Ceramic Capacitor 0805 C0G 4700pF 50V
GRM1857U1H472J MURATA-GRM1857U1H472J Datasheet
56Kb / 1P
Chip Monolithic Ceramic Capacitor 0603 U2J 4700pF 50V
GRM2165C1H472J MURATA-GRM2165C1H472J Datasheet
33Kb / 1P
Chip Monolithic Ceramic Capacitor 0805 C0G 4700pF 50V
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
CERAMIC DISC CAPACITOR
TS15 SUNTAN-TS15_17 Datasheet
177Kb / 1P
CERAMIC DISC CAPACITOR
logo
Vishay Siliconix
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
28-Jan-2022
20VL VISHAY-20VL Datasheet
143Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC
23-Jul-2021
25Y VISHAY-25Y Datasheet
169Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
23-Jul-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com