Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20VL Datasheet (PDF) - Vishay Siliconix

20VL Datasheet PDF - Vishay Siliconix
Part # 20VL
Download  20VL Download
File Size   143.91 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC

20VL Datasheet (PDF)

Go To PDF Page Download Datasheet
20VL Datasheet PDF - Vishay Siliconix

Part # 20VL
Download  20VL Click to download

File Size   143.91 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC

20VL Datasheet (HTML) - Vishay Siliconix


20VL Product details

FEATURES
• Complying with IEC 60384-14
• High reliability
• Radial leads
• Singlelayer AC disc safety capacitors
• Material categorization: for definitions of

compliance please see www.vishay.com/doc?99912

APPLICATIONS
• X2 according to IEC 60384-14
• Line-to-line filtering (Class X)
• EMI / RFI suppression and filtering

DESIGN
The capacitors consist of a ceramic disc of which both sides
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.025" (0.64 mm). The
capacitors may be supplied with radial kinked or straight
leads having a lead spacing of 0.375" (9.5 mm) or 0.250"
(6.4 mm). The standard tolerance is ± 20 %. Coating is
made of flame retardant epoxy resin in accordance
with “UL 94 V-0.”

CAPACITANCE RANGE
9 nF to 0.1 μF

RATED VOLTAGE
IEC 60384-14:
X2: 400 VAC, 50 Hz

DIELECTRIC STRENGTH BETWEEN LEADS
Component test, 100 % test at production line:
1250 VAC, 50 Hz, 2 s
As repeated test at customer side admissible only once with:
1080 VAC, 50 Hz, 2 s
Random sampling test (destructive test):
1250 VAC, 50 Hz, 60 s

DIELECTRIC STRENGTH OF BODY INSULATION
2300 VAC, 50 Hz, 60 s (destructive test)




Similar Part No. - 20VL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20VL VISHAY-20VL Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
20VLD90 VISHAY-20VLD90 Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
20VLP10 VISHAY-20VLP10 Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
20VLS10 VISHAY-20VLS10 Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
20VLS20 VISHAY-20VLS20 Datasheet
129Kb / 3P
AC Line Rated Disc Capacitors
14-May-02
More results


Similar Description - 20VL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VKO472MCQCF0KR VISHAY-VKO472MCQCF0KR Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY1 VISHAY-VY1_V01 Datasheet
207Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
16-Sep-2021
VY2 VISHAY-VY2_V01 Datasheet
173Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WKO VISHAY-WKO_V01 Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
28-Jan-2022
125L VISHAY-125L_V01 Datasheet
171Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y4, 125 VAC
23-Jul-2021
25Y VISHAY-25Y Datasheet
169Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
23-Jul-2021
30LV VISHAY-30LV Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
440L VISHAY-440L_V01 Datasheet
207Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
29-Oct-2021
VY2 VISHAY-VY2 Datasheet
172Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com