Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02838 Datasheet (PDF) - Vicor Corporation

02838 Datasheet PDF - Vicor Corporation
Part # 02838
Download  02838 Download
File Size   15.58 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description TO-220 DUAL SCHOTTKY 35V RECTIFIER

02838 Datasheet (PDF)

Go To PDF Page Download Datasheet
02838 Datasheet PDF - Vicor Corporation

Part # 02838
Download  02838 Click to download

File Size   15.58 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description TO-220 DUAL SCHOTTKY 35V RECTIFIER

02838 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 02838

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
02838 WIHA-02838 Datasheet
52Kb / 1P
Screwdriver SoftFinish®
logo
List of Unclassifed Man...
028381 ETC2-028381 Datasheet
554Kb / 2P
A solid moulded core with soft outer grip, less force, yet achieves 40% more torque
More results


Similar Description - 02838

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS08FP IRF-10ETS08FP Datasheet
91Kb / 6P
INPUT RECTIFIER DIODE TO-220 FULLPAK
logo
Vishay Siliconix
220CNQ030PBF VISHAY-220CNQ030PBF Datasheet
117Kb / 6P
Schottky Rectifier, 220 A
28-Apr-08
VSKCS220 VISHAY-VSKCS220 Datasheet
160Kb / 6P
Schottky Rectifier, 220 A
23-Apr-08
VSKDS440 VISHAY-VSKDS440 Datasheet
158Kb / 6P
Schottky Rectifier, 220 A
25-Apr-08
logo
Foshan Blue Rocket Elec...
LV2045CT FOSHAN-LV2045CT Datasheet
854Kb / 6P
TO-220 Plastic package Schottky diode
MBR2045CT FOSHAN-MBR2045CT Datasheet
857Kb / 6P
TO-220 Plastic package Schottky diode
logo
Vishay Siliconix
VS-VSKDS440 VISHAY-VS-VSKDS440_17 Datasheet
187Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
VS-VSKCS220 VISHAY-VS-VSKCS220_V01 Datasheet
180Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
VS-VSKDS440 VISHAY-VS-VSKDS440_V01 Datasheet
185Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
VS-220CNQ030PBF VISHAY-VS-220CNQ030PBF_V01 Datasheet
150Kb / 6P
High Performance Schottky Rectifier, 220 A
09-May-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com