Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKCS220 Datasheet (PDF) - Vishay Siliconix

VSKCS220 Datasheet PDF - Vishay Siliconix
Part # VSKCS220
Download  VSKCS220 Download
File Size   160.05 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 220 A

VSKCS220 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSKCS220 Datasheet PDF - Vishay Siliconix

Part # VSKCS220
Download  VSKCS220 Click to download

File Size   160.05 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 220 A

VSKCS220 Datasheet (HTML) - Vishay Siliconix


VSKCS220 Product details

ELECTRICAL DESCRIPTION / APPLICATIONS
The VS-VSKCS220/030 Schottky rectifier common cathode has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 °C junction temperature. 
Typical applications are in high current switching power supplies, plating power supplies, UPS systems, converters, freewheeling diodes, welding, and reverse battery protection.

FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• Low thermal resistance
• UL approved file E78996
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
   please see www.vishay.com/doc?99912

BENEFITS
• Excellent thermal performances obtained by the usage of
   exposed direct bonded copper substrate
• High surge capability
• Easy mounting on heatsink




Similar Part No. - VSKCS220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS220-030 VISHAY-VSKCS220-030 Datasheet
129Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
09-Mar-11
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
09-Mar-11
More results


Similar Description - VSKCS220

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
02838 VICOR-02838 Datasheet
15Kb / 1P
TO-220 DUAL SCHOTTKY 35V RECTIFIER
logo
Vishay Siliconix
220CNQ030PBF VISHAY-220CNQ030PBF Datasheet
117Kb / 6P
Schottky Rectifier, 220 A
28-Apr-08
VSKDS440 VISHAY-VSKDS440 Datasheet
158Kb / 6P
Schottky Rectifier, 220 A
25-Apr-08
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
09-Mar-11
VSKDS440 VISHAY-VSKDS440_09 Datasheet
143Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
05-Aug-09
VS-VSKCS220 VISHAY-VS-VSKCS220 Datasheet
926Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
28-Sep-15
VS-VSKDS440 VISHAY-VS-VSKDS440 Datasheet
145Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 220 A
19-Mar-14
VS-VSKDS440 VISHAY-VS-VSKDS440_17 Datasheet
187Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
VS-VSKDS440 VISHAY-VS-VSKDS440_V01 Datasheet
185Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
VS-220CNQ030PBF VISHAY-VS-220CNQ030PBF_V01 Datasheet
150Kb / 6P
High Performance Schottky Rectifier, 220 A
09-May-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com