Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08378 Datasheet (PDF) - Vicor Corporation

08378 Datasheet PDF - Vicor Corporation
Part # 08378
Download  08378 Download
File Size   54.25 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, 470uF -20% 450V

08378 Datasheet (PDF)

Go To PDF Page Download Datasheet
08378 Datasheet PDF - Vicor Corporation

Part # 08378
Download  08378 Click to download

File Size   54.25 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, 470uF -20% 450V

08378 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 08378

ManufacturerPart #DatasheetDescription
logo
3M Electronics
08370 3M-08370 Datasheet
98Kb / 4P
MSP SeamSealer
08374 3M-08374 Datasheet
151Kb / 5P
3M??Ultrapro??MSP Sprayable Seam Sealer
logo
Vicor Corporation
08376 VICOR-08376 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08376-02 VICOR-08376-02 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08377 VICOR-08377 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
More results


Similar Description - 08378

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
450V N-Channel MOSFET
logo
Rohm
2SK2299N ROHM-2SK2299N Datasheet
152Kb / 5P
Switching (450V, 7A)
2SK2713 ROHM-2SK2713 Datasheet
153Kb / 5P
Switching (450V, 5A)
logo
Fairchild Semiconductor
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
450V N-Channel MOSFET
logo
Vicor Corporation
08377 VICOR-08377 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
13469 VICOR-13469 Datasheet
32Kb / 1P
CAPACITOR, ALEL, RADIAL, 10uF, -20%, 450V
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
450V N-Channel MOSFET
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
450V LED controller
logo
ELM Electronics
ELM916DA ELM-ELM916DA Datasheet
597Kb / 6P
450V LED controller
logo
Pulse A Technitrol Comp...
T8006NL PULSE-T8006NL Datasheet
275Kb / 3P
INDUCTOR,CM,470UF,4W,SMT,SGL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com