Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08377 Datasheet (PDF) - Vicor Corporation

08377 Datasheet PDF - Vicor Corporation
Part # 08377
Download  08377 Download
File Size   64.41 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, 270Ouf -20% 400V

08377 Datasheet (PDF)

Go To PDF Page Download Datasheet
08377 Datasheet PDF - Vicor Corporation

Part # 08377
Download  08377 Click to download

File Size   64.41 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, 270Ouf -20% 400V

08377 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 08377

ManufacturerPart #DatasheetDescription
logo
3M Electronics
08370 3M-08370 Datasheet
98Kb / 4P
MSP SeamSealer
Dec-2015
08374 3M-08374 Datasheet
151Kb / 5P
3M™ Ultrapro™ MSP Sprayable Seam Sealer
24-Feb-2004
logo
Vicor Corporation
08376 VICOR-08376 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08376-02 VICOR-08376-02 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08378 VICOR-08378 Datasheet
54Kb / 1P
CAPACITOR, 470uF -20% 450V
More results


Similar Description - 08377

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
08376 VICOR-08376 Datasheet
68Kb / 1P
CAPACITOR, 27Ouf -20% 200V
08378 VICOR-08378 Datasheet
54Kb / 1P
CAPACITOR, 470uF -20% 450V
13438 VICOR-13438 Datasheet
34Kb / 1P
CAPACITOR, ALEL, RADIAL, 2200uF, -20%, 6.3V
13441 VICOR-13441 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 560uF, -20%, 10V
13443 VICOR-13443 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 390uF, -20%, 16V
13449 VICOR-13449 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 68uF, -20%, 63V
13450 VICOR-13450 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
13451 VICOR-13451 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 33uF, -20%, 100V
logo
Shindengen Electric Mfg...
D1FL40-5063 SHINDENGEN-D1FL40-5063 Datasheet
453Kb / 3P
400V 0.8A
logo
New Jersey Semi-Conduct...
GSRU20030 NJSEMI-GSRU20030 Datasheet
107Kb / 2P
NPN 300, 350, 400V 20 AMP SWITCHING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com