Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13451 Datasheet (PDF) - Vicor Corporation

13451 Datasheet PDF - Vicor Corporation
Part # 13451
Download  13451 Download
File Size   33.71 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, ALEL, RADIAL, 33uF, -20%, 100V

13451 Datasheet (PDF)

Go To PDF Page Download Datasheet
13451 Datasheet PDF - Vicor Corporation

Part # 13451
Download  13451 Click to download

File Size   33.71 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, ALEL, RADIAL, 33uF, -20%, 100V

13451 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 13451

ManufacturerPart #DatasheetDescription
logo
CEE Norm UK Ltd
13451 CEENORM-13451 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
1345123 ETC2-1345123 Datasheet
93Kb / 2P
Made in accordance with the performance requirements of Federal Spec
1345132 ETC2-1345132 Datasheet
102Kb / 3P
color-coded PVC flat cable allows for quick identification and circuit tracing
logo
KNIPEX
1345165 KNIPEX-1345165 Datasheet
152Kb / 2P
Stripping Pliers
05.07.2021
logo
List of Unclassifed Man...
1345174 ETC2-1345174 Datasheet
103Kb / 4P
RG-402/U type 19 AWG solid .036 silver-plated copper-covered steel conductor, TFE Teflon insulation
More results


Similar Description - 13451

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
13438 VICOR-13438 Datasheet
34Kb / 1P
CAPACITOR, ALEL, RADIAL, 2200uF, -20%, 6.3V
13439 VICOR-13439 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 680uF, -20%, 6.3V
13441 VICOR-13441 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 560uF, -20%, 10V
13442 VICOR-13442 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 1200uF, -20%, 16V
13443 VICOR-13443 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 390uF, -20%, 16V
13444 VICOR-13444 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 820uF, -20% 25V
13448 VICOR-13448 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 220uF, -20%, 63V
13449 VICOR-13449 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 68uF, -20%, 63V
13450 VICOR-13450 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
18741 VICOR-18741 Datasheet
41Kb / 1P
CAPACITOR, ALEL, RADIAL, 2200uF, -20%, 200V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com