Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13444 Datasheet (PDF) - Vicor Corporation

13444 Datasheet PDF - Vicor Corporation
Part # 13444
Download  13444 Download
File Size   33.9 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, ALEL, RADIAL, 820uF, -20% 25V

13444 Datasheet (PDF)

Go To PDF Page Download Datasheet
13444 Datasheet PDF - Vicor Corporation

Part # 13444
Download  13444 Click to download

File Size   33.9 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, ALEL, RADIAL, 820uF, -20% 25V

13444 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 13444

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344417 ETC2-1344417 Datasheet
96Kb / 2P
20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
1344418 ETC2-1344418 Datasheet
100Kb / 3P
16 AWG stranded (19x29) TC conductors, polyethylene insulation
1344421 ETC2-1344421 Datasheet
96Kb / 2P
Stranded silver-coated copper conductor insulation with extruded TFE Teflon
1344422 ETC2-1344422 Datasheet
105Kb / 4P
RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1344423 ETC2-1344423 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
More results


Similar Description - 13444

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
13438 VICOR-13438 Datasheet
34Kb / 1P
CAPACITOR, ALEL, RADIAL, 2200uF, -20%, 6.3V
13441 VICOR-13441 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 560uF, -20%, 10V
13442 VICOR-13442 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 1200uF, -20%, 16V
13443 VICOR-13443 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 390uF, -20%, 16V
13445 VICOR-13445 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 270uF, -20, 25V
13448 VICOR-13448 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 220uF, -20%, 63V
13449 VICOR-13449 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 68uF, -20%, 63V
13450 VICOR-13450 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
13451 VICOR-13451 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 33uF, -20%, 100V
18741 VICOR-18741 Datasheet
41Kb / 1P
CAPACITOR, ALEL, RADIAL, 2200uF, -20%, 200V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com