Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

115L Datasheet (PDF) - Vishay Siliconix

115L Datasheet PDF - Vishay Siliconix
Part # 115L
Download  115L Download
File Size   87.99 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Linear Transducers, Conductive Plastic (REC)

115L Datasheet (PDF)

Go To PDF Page Download Datasheet
115L Datasheet PDF - Vishay Siliconix

Part # 115L
Download  115L Click to download

File Size   87.99 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Linear Transducers, Conductive Plastic (REC)

115L Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 115L

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
100Kb / 4P
Customer Specifications
8/29/2022
More results


Similar Description - 115L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC110L VISHAY-REC110L Datasheet
102Kb / 4P
Precision Linear Transducers, Conductive Plastic (REC)
20-Nov-02
16LH VISHAY-16LH Datasheet
146Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
08-Jan-04
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC38L VISHAY-REC38L Datasheet
83Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 150 mm
08-Sep-16
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mms
18-Feb-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com