Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

117S Datasheet (PDF) - Vishay Siliconix

117S Datasheet PDF - Vishay Siliconix
Part # 117S
Download  117S Download
File Size   48.89 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3/8 (9.52mm) Sq. Wirewound Trimmers

117S Datasheet (PDF)

Go To PDF Page Download Datasheet
117S Datasheet PDF - Vishay Siliconix

Part # 117S
Download  117S Click to download

File Size   48.89 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3/8 (9.52mm) Sq. Wirewound Trimmers

117S Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 117S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
117S VISHAY-117S Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
117S100RB VISHAY-117S100RB Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
117S5K00B VISHAY-117S5K00B Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
117SKB VISHAY-117SKB Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
117SRB VISHAY-117SRB Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
More results


Similar Description - 117S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93 Datasheet
155Kb / 3P
3/8 Square Multi-Turn Cermet Trimmers
05-Aug-04
logo
Bi technologies
7380 BITECH-7380 Datasheet
78Kb / 5P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
logo
TOCOSAMERICA, INC.
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RA12 TOCOS-RA12 Datasheet
163Kb / 3P
12mm Round, Single-Turn, Through-Hole Sealed Wirewound Trimmers
logo
Bi technologies
7381 BITECH-7381 Datasheet
294Kb / 4P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Copal Electronics
TM-7 COPAL-TM-7 Datasheet
277Kb / 4P
3 TURNS CERMET TRIMMERS
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
Economy Trimmers
logo
Vishay Siliconix
117S_VO1 VISHAY-117S_VO1 Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
14S VISHAY-14S Datasheet
60Kb / 3P
Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers
26-Jul-2021
logo
Microsemi Corporation
1N5820US MICROSEMI-1N5820US_V01 Datasheet
1Mb / 8P
3 Amp SQ-MELF Schottky Barrier Rectifiers
Rev. 1
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com