Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

117S Datasheet (PDF) - Vishay Siliconix

117S Datasheet PDF - Vishay Siliconix
Part # 117S
Download  117S Download
File Size   70.43 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers

117S Datasheet (PDF)

Go To PDF Page Download Datasheet
117S Datasheet PDF - Vishay Siliconix

Part # 117S
Download  117S Click to download

File Size   70.43 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers

117S Datasheet (HTML) - Vishay Siliconix


117S Product details

FEATURES
• Precious metal wiper
• 1.0 W to +85 °C
• TCR ± 50 ppm/°C
• Solderable leads
• Military quality at affordable prices

APPLICATIONS
Wirewound trimmers are particularly useful in those
applications where any combination of high power, low
temperature coefficient of resistance and / or excellent long
term life stability are important design considerations.




Similar Part No. - 117S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
117S VISHAY-117S Datasheet
48Kb / 2P
3/8 (9.52mm) Sq. Wirewound Trimmers
23-Sep-99
More results


Similar Description - 117S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93 Datasheet
155Kb / 3P
3/8 Square Multi-Turn Cermet Trimmers
05-Aug-04
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
04-Sep-07
logo
TOCOSAMERICA, INC.
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
TSM4YJ103KR05 VISHAY-TSM4YJ103KR05 Datasheet
110Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Aug-13
534B1103JLB VISHAY-534B1103JLB Datasheet
102Kb / 4P
7/8 (22.2 mm) Multi Turn Wirewound
27-Jun-12
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
TSM4 VISHAY-TSM4_17 Datasheet
125Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
14S VISHAY-14S Datasheet
60Kb / 3P
Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers
26-Jul-2021
TSM4 VISHAY-TSM4_V01 Datasheet
104Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
12-Jan-17
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com