Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK181 Datasheet (PDF) - M.S. Kennedy Corporation

MSK181 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK181
Download  MSK181 Download
File Size   518.13 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER

MSK181 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK181 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK181
Download  MSK181 Click to download

File Size   518.13 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER

MSK181 Datasheet (HTML) - M.S. Kennedy Corporation


MSK181 Product details

DESCRIPTION:

The MSK 181 is a high power monolithic operational amplifier ideal for use with a wide variety of loads. With operation from either single or dual supplies, the MSK 181 offers excellent design flexibility. Power dissipation is kept to a minimum with a quiescent current rating of only 20mA, while 3 Amps of continuous available output current makes the MSK 181 a very good low cost choice for motor drive circuits and audio amplification. The MSK 181 is internally protected against current overloads and overtemperature conditions. Current limit can also be user-selected through the use of a resistor/potentiometer or voltage out/current out DAC. The MSK 181 is packaged in a hermetically sealed 8 pin power dip and the MSK 181Z is offered with bolt down tabs for applications that require heat sinking.



FEATURES:

• Low Cost

• High Voltage Operation:

    Single Supply: +8V to +60V

    Dual Supply: ±4V to ±30V

• High Output Current: 3 Amp Continuous

• High Speed: 10V/µS

• Low Quiescent Current: 20 mA Typ.

• Adjustable Current Limits

• Thermal Shutdown

• Monolithic Technology

• Enable/Status Pin For Output Disable Control



TYPICAL APPLICATIONS

• Servo Driver

• Actuator Driver

• Audio Amplifier

• Power Supplies



 




Similar Part No. - MSK181

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
MSK181GZ ANAREN-MSK181GZ Datasheet
260Kb / 8P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
MSK181Z ANAREN-MSK181Z Datasheet
260Kb / 8P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181_15 Datasheet
260Kb / 8P
Low Quiescent Current: 20 mA Typ.
More results


Similar Description - MSK181

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
High Voltage, High Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
High-Voltage, High-Current Operational Amplifier
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com