Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK181 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK181
Description  HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK181 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK181 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK181 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK181 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK181 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK181 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK181 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Max.
±30
±20
±20
-
±10
-
±500
±50
-
-
-
-
-
-
-
-
-29
-
-
-
-
-
60V
5A
±29.5V
+27V/-29V
Internal Protection
(See Application Note)
Total Supply Voltage
Output Current (within S.O.A.)
Input Voltage (Differential)
Input Voltage (Common Mode)
Junction Temperature
-65°C to +150°C
300°C
-55°C to +125°C
-40°C to +85°C
1.8°C/W
1
2
3
4
5
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
RTH
VCC
±IOUT
VIND
VIN
TJ
Unless otherwise specified ±VCC= ±30VDC and E/S pin is open.
Devices shall be capable of meeting the parameter, but need not to be tested. Typical parameters are for reference only.
Industrial grade and 'E' suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4 TA=TC=+25°C
Subgroup 2
TA=TC=+125°C
Subgroup 3
TA=TC=-55°C
Storage Temperature Range
Lead Temperature Range
(10 seconds)
Case Operating Temperature
(MSK181H/E)
(MSK181)
Thermal Resistance
Junction to Case
VIN=0V
VIN=0V
VIN=0V
VIN=OV
f=DC
f=DC
(-VCC
)-0.1≤ VIN ≤ (+VCC)-3V
f=1KHZ
IOUT=0.6A
IOUT=3.0A
DC=Continuous
VES High- Output Enabled E/S Open or High
VES Low- Output Disabled E/S Forced Low
AV=1 VOUT= 50Vp-p RL=8Ω
VOUT=±25V RL=1KΩ
AV=10 50V Step
Group A
Subgroup
-
1
2,3
-
1
-
1
1
-
-
1
-
4
4
4
4
4
-
-
-
4
-
STATIC
Supply Voltage Range
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Bias Current
Input Offset Current
Input Impedance
Input Capacitance
Common Mode Rejection Ratio
Input Voltage Noise Density
OUTPUT
Output Current
Output Disable Time
Output Enable Time
TRANSFER CHARACTERISTICS
Open Loop Voltage Gain
Typ.
-
±17
±17
±6
±2
±30
±100
±5
10
6
95
90
±28
±26
-
-
-
1
3
10
98
15
Min.
±4
-
-
-
-
-
-
±1
-
-
80
-
±27
±25.5
±3
-27.5
-
-
-
-
90
-
Min.
±4
-
-
-
-
-
-
-
-
-
75
-
±26
±24
±3
-27.5
-
-
-
-
88
-
Max.
±30
±23
-
-
±15
-
±750
±75
-
-
-
-
-
-
-
-
-29
-
-
-
-
-
Typ.
-
±17
-
±6
±2
±30
±100
±5
10
6
95
90
±28
±26
-
-
-
1
3
8
98
18
Units
V
mA
mA
mA
mV
µV/°C
nA
nA
Ω
pF
dB
nV/√
HZ
V
V
A
V
V
µS
µS
V/µS
dB
µS
MSK181H/E
MSK181
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
1
NOTES:
Quiescent Current
2
PRELIMINARY Rev. C 8/01
Quiescent Current
VIN=0V
Shutdown Mode VIN=0V
7
7
Shutdown Input Mode
Output Voltage Swing
Slew Rate
Settling Time ±0.1%
2
2
2
2
2
2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com