Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8881 Datasheet (PDF) - NXP Semiconductors

PCF8881 Datasheet PDF - NXP Semiconductors
Part # PCF8881
Download  PCF8881 Download
File Size   73.44 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 132 x 132 RGB single chip TFT driver with DC-to-DC converter

PCF8881 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8881 Datasheet PDF - NXP Semiconductors

Part # PCF8881
Download  PCF8881 Click to download

File Size   73.44 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 132 x 132 RGB single chip TFT driver with DC-to-DC converter

PCF8881 Datasheet (HTML) - NXP Semiconductors


PCF8881 Product details

GENERAL DESCRIPTION
The PCF8881 is a low-power single chip TFT LCD driver with integrated source driver, gate driver, display RAM, timing control and DC-to-DC converter. The IC is a single chip solution with a minimum number of external components (capacitors).

FEATURES
• Low-power single chip Thin Film Transistor (TFT) LCD driver with integrated source driver, gate driver, display RAM, timing controller and DC-to-DC converter
• 528 outputs (132 × 132 RGB)
• 132 gate driver with up to 25 V output level
• Gate driver features:
    – Integrated programmable voltage generator for 2 gate levels (max. 25 V)
    – programmable scan direction for different glass routing
    – special driving modes (interlace, dancing).
• Integrated voltage generator for source driver (4.8 V max., −4.8 V min.)
• On-chip 132 × 132 × 16-bit display data RAM for 65 kbyte colours
• On-chip oscillator and timing controller
• On-chip common electrode voltage generator
• 4 predefined grey-level curves according to 4 gamma values
• Programmable grey-level curve with 2 × 16 externally available tab pins
• Integrated temperature compensation
• Display features:
    – Programmable frame refresh rate between 5 Hz and 85 Hz in 5 Hz steps
    – User selectable line or frame inversion
    – All pixels on/off modes
    – 8, 256, 4 k, and 65 k colour modes from look-up table (LUT).
• Interfaces:
    – 8-bit parallel interface (Intel 8080 and Motorola 68xx) with 16, 12 and 8-bpp resolution
    – extended 16-bit parallel interface (Intel 8080 or Motorola 68xx)
    – 3-line serial (9 bits per word).
• Digital power supply: 1.65 V to 1.95 V
• Analog power supply: 2.6 V to 2.9 V
• All driver settings are stored using a One Time Programming (OTP) block
• Slim chip layout, suitable for Chip-On-Glass (COG)
• Output staggered with 35 µm pitch.




Similar Part No. - PCF8881

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8883 NXP-PCF8883 Datasheet
124Kb / 24P
Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
Rev. 01-16 October 2009
PCF8883 NXP-PCF8883 Datasheet
251Kb / 25P
Capacitive proximity switch with auto-calibration, large voltage operating
Rev. 2-8 March 2011
PCF8883 NXP-PCF8883 Datasheet
395Kb / 35P
Capacitive touch/proximity switch with auto-calibration, large voltage operating range, and very low power consumption
Rev. 4.1 - 14 September 2016
PCF88831 NXP-PCF88831 Datasheet
251Kb / 25P
Capacitive proximity switch with auto-calibration, large voltage operating
Rev. 2-8 March 2011
PCF8883T NXP-PCF8883T Datasheet
124Kb / 24P
Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
Rev. 01-16 October 2009
More results


Similar Description - PCF8881

ManufacturerPart #DatasheetDescription
logo
Power-One
24Q1001-2R POWER-ONE-24Q1001-2R Datasheet
139Kb / 4P
60...132 Watt DC-DC Converters
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
NXP Semiconductors
PCF8833 PHILIPS-PCF8833 Datasheet
469Kb / 112P
STN RGB - 132 X 132 X 3 driver
2003 Feb 14
logo
Samsung semiconductor
S6D0114 SAMSUNG-S6D0114 Datasheet
1Mb / 143P
132 RGB X 176 DOT 1-CHIP DRIVER IC WITH INTERNAL GRAM FOR 262,144 Colors TFT-LCD
logo
List of Unclassifed Man...
SSD1783 ETC1-SSD1783 Datasheet
3Mb / 79P
132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
SSD1789A ETC1-SSD1789A Datasheet
3Mb / 69P
132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
logo
STMicroelectronics
STV8116 STMICROELECTRONICS-STV8116 Datasheet
175Kb / 4P
162 RGB x 132 single chip true 262K color OLED controller/driver
18-Dec-2006
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
132 Watts / 48 Watts DC-DC Converter
logo
Powerbox
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
52-132 WATTS DC/DC SINGLE
logo
Wall Industries,Inc.
DCQAW150 WALL-DCQAW150 Datasheet
704Kb / 7P
Up to 132 Watts Quarter-Brick DC/DC Converters
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com