Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8116 Datasheet (PDF) - STMicroelectronics

STV8116 Datasheet PDF - STMicroelectronics
Part # STV8116
Download  STV8116 Download
File Size   175.92 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 162 RGB x 132 single chip true 262K color OLED controller/driver

STV8116 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV8116 Datasheet PDF - STMicroelectronics

Part # STV8116
Download  STV8116 Click to download

File Size   175.92 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 162 RGB x 132 single chip true 262K color OLED controller/driver

STV8116 Datasheet (HTML) - STMicroelectronics


STV8116 Product details

Description
The STV8116 is a low-power CMOS controller/driver “combo” IC for passive OLED displays featuring extremely low current consumption.
Designed to drive displays of up to 132 rows by 162 columns with 262K colors, the STV8116 provides all necessary functions in a single chip, including an on-chip DC/DC step-up converter resulting in a minimum of externals components.

Features
■ 162x132 display matrix
■ 200µA max column current
■ 100mA max row current
■ On-chip DC/DC step-up converter supplied from a 2.3 to 6V battery
■ Low power optimization:
   – automatic precharge voltage
   – Vrowoff optimization voltage
   – Vpp self adjustment
■ 262Kcolor mode among 2M color Palette (24-bit look-up table for gamma settings)
■ Dual partial display modes
■ Vertical scrolling
■ Programmable number of lines
■ Programmable frame rate, 165Hz max.
■ Selectable input interfaces (read and write), operating voltage compatible with 1.8V as well as 3.3V signals:
   – 68000 and 8080 parallel interfaces
   – 3-wire and 4-wire SPI interfaces
   – 3-wire, 9-bit serial interface
■ Fully integrated oscillator requires no external components
■ 7-bit RGB brightness control
■ 5-bit luminance control
■ Low-voltage digital supply range: 1.65 to 1.95V
■ Low-voltage analog supply range: 2.2 to 3.6V
■ 3.3V single supply with on-chip 1.8V LDO
■ High-voltage display supply range: 4.5 to 22V
■ One Time Programmable (OTP) non-volatile embedded memory
■ Delivered in bumped die for chip-on-glass
   (COG) or chip-on-foil (COF).




Similar Part No. - STV8116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8102 STMICROELECTRONICS-STV8102 Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
STV8102/WPB3 STMICROELECTRONICS-STV8102/WPB3 Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
STV8102C/ST-A STMICROELECTRONICS-STV8102C/ST-A Datasheet
45Kb / 3P
128 x 64 OLED passive matrix controller/driver
15-Jan-2007
STV8105 STMICROELECTRONICS-STV8105 Datasheet
43Kb / 3P
256 x 72 x 4-bit OLED passive matrix controller/driver
15-Jan-2007
STV8105/WPB STMICROELECTRONICS-STV8105/WPB Datasheet
43Kb / 3P
256 x 72 x 4-bit OLED passive matrix controller/driver
15-Jan-2007
More results


Similar Description - STV8116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2130S STMICROELECTRONICS-STE2130S Datasheet
64Kb / 4P
240RGB x 320 single chip true 262K color controller/driver
19-Dec-2006
STE2028 STMICROELECTRONICS-STE2028 Datasheet
133Kb / 4P
162 x 130 RGB single-chip true 262k color LCD controller driver
18-Jun-2007
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com